Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 26Page - STMicroelectronics ST10F296E Datasheet HTML 27Page - STMicroelectronics ST10F296E Datasheet HTML 28Page - STMicroelectronics ST10F296E Datasheet HTML 29Page - STMicroelectronics ST10F296E Datasheet HTML 30Page - STMicroelectronics ST10F296E Datasheet HTML 31Page - STMicroelectronics ST10F296E Datasheet HTML 32Page - STMicroelectronics ST10F296E Datasheet HTML 33Page - STMicroelectronics ST10F296E Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
30/346
VAREF
U2
-
ADC reference voltage and analog supply
VAGND
U3
-
ADC reference and analog ground
RPD
M17
I/O
Timing pin for the return from power-down circuit and synchronous/
asynchronous reset selection.
V18
G1,
U11
O
1.8 V decoupling pin: A decoupling capacitor (typical value of 10 nF, max 100 nF) must
be connected between this pin and nearest VSS pin.
VDD
A2
A9
A12
A14
E1
K1
U8
U15
P17
L17
G17
-
Digital supply voltage: 5 V during normal operation, idle and power-down modes. It
can be turned off when standby RAM mode is selected.
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com