Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 14Page - STMicroelectronics ST10F296E Datasheet HTML 15Page - STMicroelectronics ST10F296E Datasheet HTML 16Page - STMicroelectronics ST10F296E Datasheet HTML 17Page - STMicroelectronics ST10F296E Datasheet HTML 18Page - STMicroelectronics ST10F296E Datasheet HTML 19Page - STMicroelectronics ST10F296E Datasheet HTML 20Page - STMicroelectronics ST10F296E Datasheet HTML 21Page - STMicroelectronics ST10F296E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Description
ST10F296E
18/346
●
The ADC is not fully compatible with the ST10F280 (timing and programming model).
The formula for the convertion time is still valid, while the sampling phase programming
model is different.
●
The external memory bus potential limitations on maximum speed and maximum
capacitance load are under evaluation and may be introduced: ST10F296E will
probably not be able to address an external memory at 64 MHz with 0 wait states.
●
The XPERCON register bit mapping has been modified according to new peripheral
implementation (which is not fully compatible with ST10F280).
●
The bondout chip for emulation (ST10R201) cannot achieve more than 50 MHz at room
temperature (so, no real-time emulation is possible at maximum speed).
●
Input section characteristics are different. The threshold programmability is extended to
all port pins (additional XPICON register); it is possible to select standard TTL (with up
to 400 mV of hysteresis) and standard CMOS (with up to 750 mV of hysteresis).
●
Output transition is not programmable.
●
An RTC module has been added.
●
The CAN module has been enhanced: ST10F296E implements two C-CAN modules,
so the programming model is slightly different. The possibility to map both CAN
modules simultaneously has been added (on P4.5/P4.6).
●
The on-chip main oscillator input frequency range has been reshaped, reducing it from
1-25 MHz to 4-12 MHz. This is a high performance oscillator amplifier, that provides a
very high negative resistance and wide oscillation amplitude. When this on-chip
amplifier is used as a reference for the RTC module, the power-down consumption is
dominated by the consumption of the oscillator amplifier itself. A metal option is added
to offer a low power oscillator amplifier working in the range 4-8 MHz which allows a
power consumption reduction when the RTC is running in power-down mode using the
on-chip main oscillator clock as a reference.
●
The possibility to reprogram the internal XBus chip select window characteristics
(XRAM2 and XFlash address window) has been added.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com