Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 75Page - STMicroelectronics ST10F296E Datasheet HTML 76Page - STMicroelectronics ST10F296E Datasheet HTML 77Page - STMicroelectronics ST10F296E Datasheet HTML 78Page - STMicroelectronics ST10F296E Datasheet HTML 79Page - STMicroelectronics ST10F296E Datasheet HTML 80Page - STMicroelectronics ST10F296E Datasheet HTML 81Page - STMicroelectronics ST10F296E Datasheet HTML 82Page - STMicroelectronics ST10F296E Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
The bootstrap loader
79/346
6.4.2
Entering the CAN bootstrap loader
The ST10F296E enters BSL mode, if pin P0L.4 is sampled low at the end of a hardware
reset. In this case, the built-in bootstrap loader is activated independent of the selected bus
mode. The bootstrap loader code is stored in a special Test-Flash, no part of the standard
mask ROM or Flash memory area is required for this.
After entering BSL mode and the respective initialization the ST10F296E scans the
CAN1_TxD line to receive the following initialization frame:
●
Standard identifier = 0h
●
DLC = 0h
As all the bits to be transmitted are dominant bits, a succession of five dominant bits and
one stuff bit on the CAN network is used. From the duration of this frame it calculates the
corresponding baud rate factor with respect to the current CPU clock, initializes the CAN1
interface accordingly, switches pin CAN1_TxD to output and enables the CAN1 interface to
take part in the network communication. Using this baud rate, a message object is
configured to send an acknowledge frame. The ST10F296E does send this message object,
but, the host can request it by sending remote frame.
The acknowledge frame is the following for the ST10F296E:
●
Standard identifier = E6h
●
DLC = 3h
●
Data0 = D5h (generic acknowledge of the ST10 devices)
●
Data1 = IDCHIP least significant byte
●
Data2 = IDCHIP most significant byte
For the ST10F296E, IDCHIP = 128Xh.
Note:
Two behaviors can be distinguished regarding acknowledgement of the ST10 by the host. If
the host is behaving according to CAN protocol, as long as the ST10 CAN module is not
configured, the host is alone on the CAN network and does not receive acknowledgement. It
automatically resends the zero frame. As soon as the ST10 CAN is configured, the host
acknowledges the zero frame. The ‘acknowledge frame’, with identifier 0xE6, is configured,
but, the transmit request is not set. The host can request this frame to be sent, and therefore
get the IDCHIP, by sending a remote frame.
As the IDCHIP is sent in the acknowledge frame, Flash programming software now has the
possibility to know immediately the exact type of device to be programmed.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com