Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 80Page - STMicroelectronics ST10F296E Datasheet HTML 81Page - STMicroelectronics ST10F296E Datasheet HTML 82Page - STMicroelectronics ST10F296E Datasheet HTML 83Page - STMicroelectronics ST10F296E Datasheet HTML 84Page - STMicroelectronics ST10F296E Datasheet HTML 85Page - STMicroelectronics ST10F296E Datasheet HTML 86Page - STMicroelectronics ST10F296E Datasheet HTML 87Page - STMicroelectronics ST10F296E Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
84/346
To achieve this, the PT0 value is divided into ranges of 1450 ticks. In the bootstrap
algorithm, PT0 is divided by 1451 and the result gives the BRP value.3
This calculated BRP value is then divided into PT0 to give the ‘1+ Tseg1 + Tseg2’ value. A
table is then made to set the values for Tseg1 and Tseg2 according to the ‘1+ Tseg1 +
Tseg2’ value. The Tseg1 and Tseg2 values are chosen to reach a sample point between
70% and 80% of the bit time.
During the calculation of ‘1+ Tseg1 + Tseg2’, an error, e2, can be introduced. The maximum
value of this error is 1 time quantum.
To compensate for any possible errors on the bit rate, the (re)synchronization jump width is
fixed to two time quanta.
6.4.6
How to compute the baud rate error
An example of the baud rate error computation is as follows:
Conditions:
●
CPU frequency: 20 MHz
●
Target bit rate: 1 Mbit/s
The content of the PTO timer for bit 29 is given in Equation 6:
Equation 6
Therefore:
574 < [PT0] < 586
This gives:
–BRP = 0
–
tq = 100 ns
Computation of 1 + Tseg1 + Tseg2 considering Equation 4 is given in Equation 7:
Equation 7
In the algorithm, a rounding to the superior value is made if the remainder of the division is
greater than half of the divisor. This would have been the case above, if the PT0 content was
574. Thus in this example, 1+Tseg1+Tseg2 = 10, giving a bit time of exactly 1µs => no error
in bit rate.
Note:
In most cases (24 MHz, 32 MHz, and 40 MHz of CPU frequency and 125, 250, 500 or
1Mbyte/s of bit rate) there is no error. However, it is better to check the error with real
application parameters.
The content of the bit timing register is : 0x1640. This gives a sample point of 80%.
Note:
The (re)synchronization jump width is fixed to 2 time quanta.
PT0
[
]
29
f
CPU
×
BitRate
()
⁄
29
20
×
6110
6
×
⁄
×
580
==
=
9
574
58
---------- Tseg1
Tseg2
586
58
----------10
=
≤
+
≤
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com