Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 142Page - STMicroelectronics ST10F296E Datasheet HTML 143Page - STMicroelectronics ST10F296E Datasheet HTML 144Page - STMicroelectronics ST10F296E Datasheet HTML 145Page - STMicroelectronics ST10F296E Datasheet HTML 146Page - STMicroelectronics ST10F296E Datasheet HTML 147Page - STMicroelectronics ST10F296E Datasheet HTML 148Page - STMicroelectronics ST10F296E Datasheet HTML 149Page - STMicroelectronics ST10F296E Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
146/346
Figure 43.
Block diagram of pin P4.4
1.
When SALSEL = 10, 8-bit segment address lines are selected and P4.4 outputs the address. Any attempt
to use the CAN2 on P4.4 is masked. However, by enabling the I2C, the segment function is masked, pin
P4.4 is automatically configured as open-drain and used to input and output the SCL alternate function.
2.
When CAN parallel mode is selected, CAN2_RxD is remapped on P4.5. This occurs only if CAN1 is also
enabled. If CAN1 is disabled, no remapping occurs.
P4.4
Direction
latch
Write DP4.4
Read DP4.4
Port output
latch
Write P4.4
Read P4.4
MUX
1
0
MUX
1
0
Ext. memory
data output
MUX
1
0
1
Ext. memory
function
Output
buffer
MUX
0
1
Input
latch
Clock
XPERCON.1
(CAN2EN)
SCL
data input
enable
SCL
data output
XPERCON.9
(I2CEN)
MUX
1
0
MUX
0
1
CAN2_RxD
data input
XMISC.1
(CANPAR)
P4.5
0
&
&
XPERCON.0
(CAN1EN)
MUX
1
0
1
MUX
0
1
Open-drain
latch
Write ODP4.4
Read ODP4.4
0
MUX
0
1
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com