Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 198Page - STMicroelectronics ST10F296E Datasheet HTML 199Page - STMicroelectronics ST10F296E Datasheet HTML 200Page - STMicroelectronics ST10F296E Datasheet HTML 201Page - STMicroelectronics ST10F296E Datasheet HTML 202Page - STMicroelectronics ST10F296E Datasheet HTML 203Page - STMicroelectronics ST10F296E Datasheet HTML 204Page - STMicroelectronics ST10F296E Datasheet HTML 205Page - STMicroelectronics ST10F296E Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CAN modules
ST10F296E
202/346
17.7.2
Example of bit timing at low baud rate
In this example, the frequency of the CAN module clock is 2 MHz, BRP is 1, the bit rate is
100 Kbit/s.
tq
1 µs = 2 x tCPU
Delay of bus driver
200 ns
Delay of receiver circuit
80 ns
Delay of bus line (40m)
220 ns
tProp
1 µs = 1 x tq
tSJW
4 µs = 4 x tq
tPB1
4 µs = 4 x tq
tSeg1 = tProp + tPB1
5 µs = 5 x tq
tSeg2 = tPB2
4 µs = Information processing time + 3 x tq = 4 x tq
tSync-Seg
1 µs = 1 x tq
tBT
10 µs = tSync-Seg + tSeg1 + tSeg2 = 10 x tq
Tolerance for CAN clock
1.58 % =
δPLL (13 x tBT = 13 x 10 x tq = 260 tCPU) 10 ns = Data from PLL jitter characteristics
Tolerance for oscillator (no PLL effect 1.57 % =
In this example, the concatenated bit time parameters are (4-1)3 & (5-1)4 & (4-1)2 & (2-1)6,
the bit timing register CANxBTR is programmed to = 0x34C1h.
min t
PB1 tPB2
,
()
13
t
BT
×
t
PB2
–
()
÷
4
µs
() 213 10 µs
() 4 µs
()
–
×
()
×
⁄
=
min t
PB1 tPB2
,
() 2 δ
PLL
×
213
t
BT
×
t
PB2
–
()
×
⁄
–
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com