Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 239Page - STMicroelectronics ST10F296E Datasheet HTML 240Page - STMicroelectronics ST10F296E Datasheet HTML 241Page - STMicroelectronics ST10F296E Datasheet HTML 242Page - STMicroelectronics ST10F296E Datasheet HTML 243Page - STMicroelectronics ST10F296E Datasheet HTML 244Page - STMicroelectronics ST10F296E Datasheet HTML 245Page - STMicroelectronics ST10F296E Datasheet HTML 246Page - STMicroelectronics ST10F296E Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Power reduction modes
243/346
Figure 94.
Simplified power-down exit circuitry
1.
Legend:
exit_pwrd = exit power-down internal signal
en_clk_n = clock enable signal (negated: active low)
Figure 95.
Power-down exit sequence when using an external interrupt (PLL x 2)
Enter
External
interrupt
Reset
Stop PLL
Stop oscillator
VDD
DQ
Q
cd
System clock
CPU and peripheral clocks
RPD
VDD
exit_pwrd
en_clk_n
Pull-up
Weak pull-down
(~ 200 µA)
power-down
Q2
VDD
DQ
Q
cd
Q1
CPU clk
Power-down signal
External
RPD
exit_pwrd
XTAL1
(internal)
interrupt
(internal)
Delay for oscillator/PLL
stabilization
~ 2.5 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com