Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 293 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 293 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 289Page - STMicroelectronics ST10F296E Datasheet HTML 290Page - STMicroelectronics ST10F296E Datasheet HTML 291Page - STMicroelectronics ST10F296E Datasheet HTML 292Page - STMicroelectronics ST10F296E Datasheet HTML 293Page - STMicroelectronics ST10F296E Datasheet HTML 294Page - STMicroelectronics ST10F296E Datasheet HTML 295Page - STMicroelectronics ST10F296E Datasheet HTML 296Page - STMicroelectronics ST10F296E Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
293/346
24.2
Recommended operating conditions
24.3
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using the
following equation:
Equation 22
Where:
TA is the ambient temperature in ° C.
ΘJA is the package junction-to-ambient thermal resistance, in ° C/W.
PD is the sum of PINT and PI/O (PD = PINT + PI/O).
PINT is the product of IDD and VDD, expressed in Watts. This is the chip internal power.
PI/O represents the power dissipation on the input and output pins which is user determined.
Usually, PI/O< PINT can be neglected. PI/O may be significant if the device is configured to
drive external modules and/or memories continuously.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
Equation 23
Table 160.
Recommended operating conditions
Symbol
Parameter
Min
Max
Unit
VDD
Operating supply voltage
4.5
5.5
V
VSTBY
Operating standby supply voltage(1)
1.
The value of the VSTBY voltage is in the range 4.5 to 5.5 volts. It is acceptable to exceed the upper limit (up
to 6.0 volts) for a maximum of 100 hours over 300 000 hours (about 30 years), which represents the
lifetime of the device. When VSTBY voltage is lower than main VDD, the input section of VSTBY/EA pin can
generate a spurious static consumption on VDD power supply (in the range of a tenth of a µA).
VAREF
Operating analog reference voltage(2)
2.
For details on operating conditions concerning the use of the ADC, refer to Section 24.7: ADC
characteristics.
0
VDD
TA
Ambient temperature under bias
–40
+125
°C
TJ
Junction temperature under bias
+150
T
J
T
A
P
D
Θ
JA
×
()
+
=
P
D
KT
J
273
° C
+
()
⁄
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com