Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 302 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 302 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 298Page - STMicroelectronics ST10F296E Datasheet HTML 299Page - STMicroelectronics ST10F296E Datasheet HTML 300Page - STMicroelectronics ST10F296E Datasheet HTML 301Page - STMicroelectronics ST10F296E Datasheet HTML 302Page - STMicroelectronics ST10F296E Datasheet HTML 303Page - STMicroelectronics ST10F296E Datasheet HTML 304Page - STMicroelectronics ST10F296E Datasheet HTML 305Page - STMicroelectronics ST10F296E Datasheet HTML 306Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
302/346
24.7
ADC characteristics
VDD = 5 V ± 10 %, VSS = 0 V, TA = -40 to 125°C,
4.5 V
≤ VAREF ≤ VDD,
VSS ≤VAGND ≤VSS + 0.2 V
Table 166.
ADC characteristics
Symbol
Parameter
Test condition
Limit values
Unit
Min
Max
VAREF (SR) Analog reference voltage
(1)
1.
VAREF can be tied to ground when ADC is not in use: An extra consumption (around 200 µA) on main VDD
is added because the internal analog circuitry is not completely turned off. It is suggested to maintain the
VAREF at VDD level even when not in use, and to eventually switch off the ADC circuitry setting bit, ADOFF,
in the ADCON register.
4.5
VDD
V
VAGND (SR) Analog ground voltage
VSS
VSS + 0.2
V
VAIN (SR)
Analog input voltage(2)
2.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases is 0x000H or 0x3FFH, respectively.
VAGND
VAREF
V
IAREF (CC) Reference supply current
Running mode(3)
Power-down mode
3.
Not 100% tested, guaranteed by design characterization.
-
-
5
1
mA
µA
tS (CC)
Sample time
(4)
4.
During the sample time, tS, the input capacitance, CAIN, can be charged/discharged by the external source.
The internal resistance of the analog source must allow the capacitance to reach its final voltage level
within
t
S. After the end of the sample time, changes of the analog input voltage have no effect on the
conversion result. Values for the sample clock, tS, depend on programming and can be taken from
Table 167.
1-
µs
tC (CC)
Conversion time
(5)
5.
This parameter includes the sample time, tS, the time for determining the digital result, and the time to load
the result register with the conversion result. Values for the conversion clock, tCC, depend on programming
and can be taken from Table 167.
3-
µs
DNL (CC)
Differential nonlinearity(6)
No overload
-1
1
LSB
INL (CC)
Integral nonlinearity (6)
No overload
-1.5
1.5
LSB
OFS (CC)
Offset error (6)
No overload
-1.5
1.5
LSB
TUE (CC)
Total unadjusted error(6)
-2.0
2.0
LSB
K (CC)
Coupling factor between
inputs(3)(7)
On both Port 5 and XPort 10
-
10-6
-
CP1 (CC)
Input pin capacitance(3)(8)
-3
pF
CP2 (CC)
Port 5
XPort 10
-
5
5
pF
pF
CS (CC)
Sampling capacitance(3)(8)
-3.5
pF
RSW (CC)
Analog switch resistance (3)(8)
Port 5
XPort 10
-
-
600
1600
Ω
Ω
RAD (CC)
-
1300
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com