Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 328 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 328 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 324Page - STMicroelectronics ST10F296E Datasheet HTML 325Page - STMicroelectronics ST10F296E Datasheet HTML 326Page - STMicroelectronics ST10F296E Datasheet HTML 327Page - STMicroelectronics ST10F296E Datasheet HTML 328Page - STMicroelectronics ST10F296E Datasheet HTML 329Page - STMicroelectronics ST10F296E Datasheet HTML 330Page - STMicroelectronics ST10F296E Datasheet HTML 331Page - STMicroelectronics ST10F296E Datasheet HTML 332Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
328/346
Demultiplexed bus timings
VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125°C, CL = 50 pF,
ALE cycle time = 4 TCL + 2tA + tC + tF (50 ns at 40 MHz CPU clock without wait states).
Table 176.
Demultiplexed bus
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Unit
Min
Max
Min
Max
t5 (CC)
ALE high time
4 + tA
-
TCL - 8.5 + tA
-ns
t6 (CC)
Address setup to ALE
1.5 + tA
-
TCL - 11 + tA
-ns
t80 (CC)
Address/unlatched CS
setup to RD and WR
(with R/W delay)
12.5 + 2tA
-
2TCL - 12.5 + 2tA
-ns
t81 (CC)
Address/unlatched CS
setup to RD and WR
(no R/W delay)
0.5 + 2tA
-
TCL - 12 + 2tA
-ns
t12 (CC)
RD and WR low time (with
R/W delay)
15.5 + tC
-
2TCL - 9.5 + tC
-ns
t13 (CC)
RD and WR low time
(no R/W delay)
28 + tC
-
3TCL - 9.5 + tC
-ns
t14 (SR)
RD to valid data in
(with R/W delay)
-
6 + tC
-
2TCL - 19 + tC
ns
t15 (SR)
RD to valid data in
(no R/W delay)
-
18.5 + tC
-
3TCL - 19 + tC
ns
t16 (SR)
ALE low to valid data in
-
17.5 + tA + tC
-
3TCL - 20 + tA + tC
ns
t17 (SR)
Address/unlatched CS to
valid data in
-
20 + 2tA + tC
-
4TCL - 30 + 2tA + tC
ns
t18 (SR)
Data hold after RD
rising edge
0-
0
-
ns
t20 (SR)
Data float after RD rising
edge (with R/W delay)(1)
-
16.5 + tF
-
2TCL - 8.5 + tF + 2tA
ns
t21 (SR)
Data float after RD rising
edge (no R/W delay)(1)
-
4 + tF
-
TCL - 8.5 + tF + 2tA
ns
t22 (CC)
Data valid to WR
10 + tC
-
2TCL - 15 + tC
-ns
t24 (CC)
Data hold after WR
4 + tF
-
TCL - 8.5 + tF
-ns
t26 (CC)
ALE rising edge after RD
and WR
-10 + tF
-
-10 + tF
-ns
t28 (CC)
Address/unlatched CS hold
after RD and WR(2)
0 + tF
-
0 + tF
-ns
t28h (CC)
Address/unlatched CS hold
after WRH
-5 + tF
-
-5 + tF
-ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com