Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 340 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 340 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 336Page - STMicroelectronics ST10F296E Datasheet HTML 337Page - STMicroelectronics ST10F296E Datasheet HTML 338Page - STMicroelectronics ST10F296E Datasheet HTML 339Page - STMicroelectronics ST10F296E Datasheet HTML 340Page - STMicroelectronics ST10F296E Datasheet HTML 341Page - STMicroelectronics ST10F296E Datasheet HTML 342Page - STMicroelectronics ST10F296E Datasheet HTML 343Page - STMicroelectronics ST10F296E Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
340/346
Slave mode
VDD = 5 V ±10%, VSS = 0 V, TA = -40 to 125°C, CL = 50 pF
Table 180.
Slave mode
Symbol
Parameter
Max. baud rate 6.6 MBd
@FCPU = 40 MHz
(<SSCBR> = 0002h)(1)
Variable baud rate
(<SSCBR> = 0001h - FFFFh)
Unit
Min
Max
Min
Max
t310 (SR)
SSC clock cycle time(2)
150
150
8 TCL
262144 TCL
ns
t311 (SR)
SSC clock high time
63
-
t310/2 - 12
-
t312 (SR)
SSC clock low time
t313 (SR)
SSC clock rise time
-
10
-
10
t314 (SR)
SSC clock fall time
t315 (CC)
Write data valid after shift edge
55
2TCL + 30
t316 (CC)
Write data hold after shift edge
0
-
0
-
t317p (SR)
Read data setup time before latch
edge, phase error detection on
(SSCPEN = 1)
62
4TCL + 12
t318p (SR)
Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
87
6TCL + 12
t317 (SR)
Read data setup time before latch
edge, phase error detection off
(SSCPEN = 0)
66
t318 (SR)
Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
31
2TCL + 6
1.
Maximum baud rate is 8 Mbaud and can be reached with 64 MHz CPU clock and <SSCBR> set to 3h, or with 48 MHz CPU
clock and <SSCBR> set to 2h. When 40 MHz CPU clock is used, the maximum baud rate cannot be higher than 6.6 Mbaud
(<SSCBR> = 2h) due to the limited granularity of <SSCBR>. A value of 1h for <SSCBR> may be used only with a CPU
clock lower than 32 MHz (after checking that timings are in line with the target slave).
2.
The formula for the SSC clock cycle time is:
t310 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC baud rate register, taken as an unsigned 16-bit integer. The minimum
limit allowed for t310 is 125 ns (corresponding to 8 Mbaud).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com