Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 31Page - Renesas Technology Corp S3A3 Datasheet HTML 32Page - Renesas Technology Corp S3A3 Datasheet HTML 33Page - Renesas Technology Corp S3A3 Datasheet HTML 34Page - Renesas Technology Corp S3A3 Datasheet HTML 35Page - Renesas Technology Corp S3A3 Datasheet HTML 36Page - Renesas Technology Corp S3A3 Datasheet HTML 37Page - Renesas Technology Corp S3A3 Datasheet HTML 38Page - Renesas Technology Corp S3A3 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 35 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.2.3
I/O IOH, IOL
Table 2.6
I/O IOH, IOL (1 of 2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
Ports P212, P213
-
IOH
--–4.0
mA
IOL
-
-
4.0
mA
Port P408
Low drive*1
IOH
--–4.0
mA
IOL
-
-
4.0
mA
Middle drive for IIC
Fast-mode*4
VCC = 2.7 to 5.5 V
IOH
--–8.0
mA
IOL
-
-
8.0
mA
Middle drive*2
VCC = 3.0 to 5.5 V
IOH
-
-
–20.0
mA
IOL
--20.0
mA
Port P409
Low drive
*1
IOH
--–4.0
mA
IOL
-
-
4.0
mA
Middle drive
*2
VCC = 2.7 to 3.0 V
IOH
--–8.0
mA
IOL
-
-
8.0
mA
Middle drive
*2
VCC = 3.0 to 5.5 V
IOH
-
-
–20.0
mA
IOL
--20.0
mA
Ports P100 to P115,
P201 to P204, P300 to P315,
P500 to P503, P600 to P606,
P608 to P614, P800 to P809,
P900 to P902
(total 67 pins)
Low drive
*1
IOH
--–4.0
mA
IOL
-
-
4.0
mA
Middle drive
*2
IOH
--–4.0
mA
IOL
-
-
8.0
mA
Ports P914, P915
-
IOH
-
-
–4.0
mA
IOL
-
-
4.0
mA
Other output pin
*3
Low drive
*1
IOH
--–4.0
mA
IOL
-
-
4.0
mA
Middle drive
*2
IOH
--–8.0
mA
IOL
-
-
8.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com