Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 9Page - Renesas Technology Corp S3A3 Datasheet HTML 10Page - Renesas Technology Corp S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp S3A3 Datasheet HTML 15Page - Renesas Technology Corp S3A3 Datasheet HTML 16Page - Renesas Technology Corp S3A3 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 13 of 139
Mar 7, 2017
S3A3
1. Overview
1.4
Function Comparison
Table 1.14
Function comparison
Parts number
R7FS3A37A2A01CLK
R7FS3A37A3A01CFB
R7FS3A37A2A01CBJ
R7FS3A37A3A01CFP
R7FS3A37A2A01CLJ
R7FS3A37A3A01CFM
R7FS3A37A3A01CNB
Pin count
145
144
121
100
100
64
Package
LGA
LQFP
BGA
LQFP
LGA
LQFP/QFN
Code flash memory
512 KB
Data flash memory
8 KB
SRAM
96 KB
Parity
80 KB
ECC
16 KB
System
CPU clock
48 MHz
Backup
registers
512 bytes
ICU
Yes
KINT
8
Event control
ELC
Yes
DMA
DTC
Yes
DMAC
4
BUS
External bus
16-bit bus
8-bit bus
No
Timers
GPT32
4
GPT16
6
AGT
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
6
IIC
32
SPI
2
SSIE
1No
QSPI
1No
SDHI
1No
CAN
1
USBFS
Yes
Analog
ADC14
28
26
25
18
DAC12
1
DAC8
2
ACMPLP
2
TSN
Yes
HMI
SLCDC
4 com × 50 seg
and 4 com/seg
4 com × 42 seg
and 4 com/seg
4 com × 34 seg
and 4 com/seg
4 com × 17 seg
and 4 com/seg
CTSU
27
24
Data
processing
CRC
Yes
DOC
Yes
Security
SCE5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com