Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 49Page - Renesas Technology Corp S3A3 Datasheet HTML 50Page - Renesas Technology Corp S3A3 Datasheet HTML 51Page - Renesas Technology Corp S3A3 Datasheet HTML 52Page - Renesas Technology Corp S3A3 Datasheet HTML 53Page - Renesas Technology Corp S3A3 Datasheet HTML 54Page - Renesas Technology Corp S3A3 Datasheet HTML 55Page - Renesas Technology Corp S3A3 Datasheet HTML 56Page - Renesas Technology Corp S3A3 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 53 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
Note 1.
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up
MOSs are in the off state.
Figure 2.24
Temperature dependency of RTC operation with VCC off (reference data)
Table 2.13
Operating and standby current (3)
Conditions: VCC = AVCC0 = 0V, VBATT = 1.6 to 3.6 V, VSS = AVSS0 = 0V
Parameter
Symbol
Typ
Max
Unit
Test conditions
Supply
current*1
RTC operation
when VCC is off
Ta = 25°C
ICC
0.8
-
μA
VBATT = 2.0 V
SOMCR.SORDRV[1:0] = 11b
(Low power mode 3)
Ta = 55°C
0.9
-
Ta = 85°C
1.1
-
Ta = 105°C
1.2
-
Ta = 25°C
0.9
-
VBATT = 3.3 V
SOMCR.SORDRV[1:0] = 11b
(Low power mode 3)
Ta = 55°C
1.0
-
Ta = 85°C
1.2
-
Ta = 105°C
1.3
-
Ta = 25°C
1.6
-
VBATT = 2.0 V
SOMCR.SORDRV[1:0] = 00b
(Normal mode)
Ta = 55°C
1.8
-
Ta = 85°C
2.1
-
Ta = 105°C
2.3
-
Ta = 25°C
1.7
-
VBATT = 3.3 V
SOMCR.SORDRV[1:0] = 00b
(Normal mode)
Ta = 55°C
1.9
-
Ta = 85°C
2.2
-
Ta = 105°C
2.4
-
Note 1.
Average value of the tested middle sample during product evaluation.
Low drive capacity*1
Normal drive
capacity*1
0
1
10
-40
-20
0
20
40
60
80
100
120
Ta ( )
Low drive capacity*1
Normal drive capacity*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com