Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 8Page - Renesas Technology Corp S3A3 Datasheet HTML 9Page - Renesas Technology Corp S3A3 Datasheet HTML 10Page - Renesas Technology Corp S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp S3A3 Datasheet HTML 15Page - Renesas Technology Corp S3A3 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 12 of 139
Mar 7, 2017
S3A3
1. Overview
Figure 1.2
Part numbering scheme
Table 1.13
Product list
Product part number
Orderable part number
Package code
Code flash
Data flash
SRAM
Operating
temperature
R7FS3A37A2A01CLK
R7FS3A37A2A01CLK#AC0
PTLG0145KA-A
512 KB
8 KB
96 KB
-40 to +85°C
R7FS3A37A3A01CFB
R7FS3A37A3A01CFB#AA0
PLQP0144KA-B
-40 to +105°C
R7FS3A37A2A01CBJ
R7FS3A37A2A01CBJ#AC0
PLBG0121JA-A
-40 to +85°C
R7FS3A37A3A01CFP
R7FS3A37A3A01CFP#AA0
PLQP0100KB-B
-40 to +105°C
R7FS3A37A2A01CLJ
R7FS3A37A2A01CLJ#AC0
PTLG0100JA-A
-40 to +85°C
R7FS3A37A3A01CFM
R7FS3A37A3A01CFM#AA0
PLQP0064KB-C
-40 to +105°C
R7FS3A37A3A01CNB
R7FS3A37A3A01CNB#AC0
PWQN0064LA-A
-40 to +105°C
R 7 F S 3 A 3 7
Package type
BJ: BGA 121 pins
FB: LQFP 144 pins
FP: LQFP 100 pins
FM: LQFP 64 pins
LK: LGA 145 pins
LJ: LGA 100 pins
NB: QFN 64 pins
Quality ID
Software ID
Operating temperature
2: -40
° C to 85° C
3: -40
° C to 105° C
Code flash memory size
A: 512 KB
Feature set
7: Superset
Group name
3: S3A3
Core
A: ARM Cortex-M4
Series name
3: High efficiency
Renesas Synergy family
Flash memory
Renesas microcontroller
Renesas
A 2 A 0 1 C F B #AA 0
Production identification code
Packing, Terminal material (Pb-free)
#AA: Tray/Sn(Tin) only
#AC: Tray/others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com