Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 22Page - Renesas Technology Corp S3A3 Datasheet HTML 23Page - Renesas Technology Corp S3A3 Datasheet HTML 24Page - Renesas Technology Corp S3A3 Datasheet HTML 25Page - Renesas Technology Corp S3A3 Datasheet HTML 26Page - Renesas Technology Corp S3A3 Datasheet HTML 27Page - Renesas Technology Corp S3A3 Datasheet HTML 28Page - Renesas Technology Corp S3A3 Datasheet HTML 29Page - Renesas Technology Corp S3A3 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 26 of 139
Mar 7, 2017
S3A3
1. Overview
D11
32
C11
21
D8
12
12
IRQ4
P411
AGTO
A1
GTOV
UP
GTIOC
9A
TXD0/
MOSI0
/SDA0
CTS3_
RTS3/
SS3
MOSIA
SD0D
AT0
SEG7 TS7
C12
33
C10
22
E6
13
13
IRQ5
P410
AGTO
B1
GTOV
LO
GTIOC
9B
SCK3
RXD0/
MISO0
/SCL0
MISOA
SD0D
AT1
SEG8 TS6
B13
34
C9
23
B10
14
14
IRQ6
P409
GTOW
UP
GTIOC
5A
USB_E
XICEN
TXD3/
MOSI3
/SDA3
SEG9 TS5
D10
35
B11
24
D7
15
15
IRQ7
P408
GTOW
LO
GTIOC
5B
USB_I
D
CTS1_
RTS1/
SS1
RXD3/
MISO3
/SCL3
SCL0
SEG10 TS4
A13
36
A11
25
A10
16
16
P407
AGTIO
0
RTCO
UT
USB_V
BUS
CTS4_
RTS4/
SS4
SDA0 SSLB3
ADTR
G0
SEG11 TS3
B11
37B9
26B8
1717VSS_U
SB
A12
38
A10
27
A9
18
18
P915
USB_
DM
B12
39
B10
28
B9
19
19
P914
USB_
DP
A11
40A9
29A8
2020VCC_
USB
C11
41B8
30C8
2121VCC_
USB_L
DO
B10
42C8
31C7
2222
IRQ0
P206
WAIT
GTIU
USB_V
BUSE
N
RXD4/
MISO4
/SCL4
SDA1 SSLB1
SD0D
AT2
SEG12 TS1
A10
43A8
32A7
2323CLKO
UT
IRQ1
P205
A16
AGTO
1
GTIV
GTIOC
4A
USB_
OVRC
URA
TXD4/
MOSI4
/SDA4
CTS9_
RTS9/
SS9
SCL1
SSLB0
SD0D
AT3
SEG20 TSCA
P
C10
44D8
33B7
2424CACR
EF
P204
A18
AGTIO
1
GTIW GTIOC
4B
USB_
OVRC
URB
SCK4
SCK9
SCL0
RSPC
KB
SD0D
AT4
SEG23 TS0
A9
45
A7
34
D6
IRQ2
P203
A19
GTIOC
5A
CTS2_
RTS2/
SS2
TXD9/
MOSI9
/SDA9
MOSIB
SD0D
AT5
SEG22 TSCA
P
C9
46
B7
35
C6
IRQ3
P202
WR1/
BC1
GTIOC
5B
SCK2
RXD9/
MISO9
/SCL9
MISOB
SD0D
AT6
SEG21
B9
47
C7
P313
A20
SD0D
AT7
D9
48
D7
P314
A21
ADTR
G0
D8
49
E7
P315
A22
RXD4/
MISO4
/SCL4
A8
50
P900
A23
TXD4/
MOSI4
/SDA4
B8
51
P901
AGTIO
1
SCK4
B7
52
P902
AGTO
1
CTS4_
RTS4/
SS4
A7
53
A6
36
A6
VSS
A6
54
B6
37
B6
VCC
C7
55
C6
38
D5
25
25
RES
B6
56
D6
39
B5
26
26
MD
P201
Pin number
Timers
Communication interfaces
Analogs
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com