Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 53Page - Renesas Technology Corp S3A3 Datasheet HTML 54Page - Renesas Technology Corp S3A3 Datasheet HTML 55Page - Renesas Technology Corp S3A3 Datasheet HTML 56Page - Renesas Technology Corp S3A3 Datasheet HTML 57Page - Renesas Technology Corp S3A3 Datasheet HTML 58Page - Renesas Technology Corp S3A3 Datasheet HTML 59Page - Renesas Technology Corp S3A3 Datasheet HTML 60Page - Renesas Technology Corp S3A3 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 57 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory. When using FCLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer
frequency such as 1.5 MHz cannot be set.
Note 2.
The frequency accuracy of FCLK must be ±3.5% while programming or erasing the flash memory. Confirm the frequency
accuracy of the clock source.
Note 3.
The lower-limit frequency of PCLKC is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-bit A/D converter is in use.
Note 4.
See section 9, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK.
Note 5.
The maximum value of operation frequency does not include errors of the internal oscillator. The operation can be guaranteed
with the errors of the internal oscillator. For details on the range for guaranteed operation, see Table 2.22, Clock timing.
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory.
Note 2.
The lower-limit frequency of PCLKC is 1 MHz when the A/D converter is in use.
Table 2.18
Operation frequency value in Middle-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
2.7 to 5.5 V
f
0.032768
-
12
MHz
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
FlashIF clock (FCLK)*1, *2, *4
2.7 to 5.5 V
0.032768
-
12
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
Peripheral module clock (PCLKA)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKB)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKC)*3, *4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKD)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
External bus clock (BCLK)*4
2.7 to 5.5 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
EBCLK pin output
2.7 to 3.6 V
-
-
12
2.4 to 2.7 V
-
-
8
1.8 to 2.4 V
-
-
8
Table 2.19
Operation frequency value in Low-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max*4
Unit
Operation
frequency
System clock (ICLK)*3
1.8 to 5.5 V
f
0.032768
-
1
MHz
FlashIF clock (FCLK)*1, *3
1.8 to 5.5 V
0.032768
-
1
Peripheral module clock (PCLKA)*3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKB)*3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKC)*2, *3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKD)*3
1.8 to 5.5 V
-
-
1
External bus clock (BCLK)*3
1.8 to 5.5 V
-
-
1
EBCLK pin output
1.8 to 5.5 V
-
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com