Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp S3A3 Datasheet HTML 15Page - Renesas Technology Corp S3A3 Datasheet HTML 16Page - Renesas Technology Corp S3A3 Datasheet HTML 17Page - Renesas Technology Corp S3A3 Datasheet HTML 18Page - Renesas Technology Corp S3A3 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 15 of 139
Mar 7, 2017
S3A3
1. Overview
GPT
GTETRGA,
GTETRGB
Input
External trigger input pin
GTIOC0A to
GTIOC9A,
GTIOC0B to
GTIOC9B
I/O
Input capture, Output capture, or PWM output pin
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
AGT
AGTEE0, AGTEE1
Input
External event input enable
AGTIO0, AGTIO1
I/O
External event input and pulse output
AGTO0, AGTO1
Output
Pulse output
AGTOA0, AGTOA1
Output
Output compare match A output
AGTOB0, AGTOB1
Output
Output compare match B output
RTC
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock
RTCIC0 to RTCIC2
Input
Time capture event input pins
SCI
SCK0 to SCK4,
SCK9
I/O
Input/output pins for the clock (clock synchronous mode)
RXD0 to RXD4,
RXD9
Input
Input pins for received data (asynchronous mode/clock synchronous mode)
TXD0 to TXD4,
TXD9
Output
Output pins for transmitted data (asynchronous mode/clock synchronous
mode)
CTS0_RTS0 to
CTS4_RTS4,
CTS9_RTS9
I/O
Input/Output pins for controlling the start of transmission and reception
(asynchronous mode/clock synchronous mode), active-low
SCL0 to SCL4,
SCL9
I/O
Input/output pins for the I2C clock (simple IIC)
SDA0 to SDA4,
SDA9
I/O
Input/output pins for the I2C data (simple IIC)
SCK0 to SCK4,
SCK9
I/O
Input/output pins for the clock (simple SPI)
MISO0 to MISO4,
MISO9
I/O
Input/output pins for slave transmission of data (simple SPI)
MOSI0 to MOSI4,
MOSI9
I/O
Input/output pins for master transmission of data (simple SPI)
SS0 to SS4, SS9
Input
Slave-select input pins (simple SPI), active-low
IIC
SCL0 to SCL2
I/O
Input/output pins for clock
SDA0 to SDA2
I/O
Input/output pins for data
SSIE
SSISCK0
I/O
SSIE serial bit clock pin
SSIWS0
I/O
Word select pins
SSITXD0
Output
Serial data output pins
SSIRXD0
Input
Serial data input pins
AUDIO_CLK
Input
External clock pin for audio (input oversampling clock)
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Inputs or outputs data output from the master
MISOA, MISOB
I/O
Inputs or outputs data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1, SSLA2,
SSLA3, SSLB1,
SSLB2, SSLB3
Output
Output pin for slave selection
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com