Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 92Page - Renesas Technology Corp S3A3 Datasheet HTML 93Page - Renesas Technology Corp S3A3 Datasheet HTML 94Page - Renesas Technology Corp S3A3 Datasheet HTML 95Page - Renesas Technology Corp S3A3 Datasheet HTML 96Page - Renesas Technology Corp S3A3 Datasheet HTML 97Page - Renesas Technology Corp S3A3 Datasheet HTML 98Page - Renesas Technology Corp S3A3 Datasheet HTML 99Page - Renesas Technology Corp S3A3 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 96 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.3.15
CLKOUT Timing
Note 1.
When the EXTAL external clock input or an oscillator is used with division by 1 (the CKOCR.CKOSEL[2:0] bits are 011b and
the CKOCR.CKODIV[2:0] bits are 000b) to output from CLKOUT, the above should be satisfied with an input duty cycle of 45 to
55%.
Note 2.
When the MOCO is selected as the clock output source (the CKOCR.CKOSEL[2:0] bits are 001b), set the clock output division
ratio selection to be divided by 2 (the CKOCR.CKODIV[2:0] bits are 001b).
Figure 2.76
CLKOUT output timing
Table 2.45
CLKOUT timing
Parameter
Symbol
Min
Max
Unit*1
Test conditions
CLKOUT
CLKOUT pin output cycle*1
VCC = 2.7 V or above
tCcyc
62.5
-
ns
Figure 2.76
VCC = 1.8 V or above
125
-
VCC = 1.6 V or above
250
-
CLKOUT pin high pulse width*2
VCC = 2.7 V or above
tCH
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin low pulse width*2
VCC = 2.7 V or above
tCL
15
-
ns
VCC = 1.8 V or above
30
-
VCC = 1.6 V or above
150
-
CLKOUT pin output rise time
VCC = 2.7 V or above
tCr
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
CLKOUT pin output fall time
VCC = 2.7 V or above
tCf
-12
ns
VCC = 1.8 V or above
-
25
VCC = 1.6 V or above
-
50
tCf
tCH
tCcyc
tCr
tCL
CLKOUT pin output
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com