Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 21Page - Renesas Technology Corp S3A3 Datasheet HTML 22Page - Renesas Technology Corp S3A3 Datasheet HTML 23Page - Renesas Technology Corp S3A3 Datasheet HTML 24Page - Renesas Technology Corp S3A3 Datasheet HTML 25Page - Renesas Technology Corp S3A3 Datasheet HTML 26Page - Renesas Technology Corp S3A3 Datasheet HTML 27Page - Renesas Technology Corp S3A3 Datasheet HTML 28Page - Renesas Technology Corp S3A3 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 25 of 139
Mar 7, 2017
S3A3
1. Overview
1.7
Pin Lists
Pin number
Timers
Communication interfaces
Analogs
HMI
N13
1
L11
1
J10
11CACR
EF
IRQ0
P400
AGTIO
1
GTIOC
6A
SCK1
SCK4
SCL0
AUDIO
_CLK
SEG4 TS20
L11
2
K11
2
J9
2
2
IRQ5
P401
GTET
RGA
GTIOC
6B
CTX0
TXD1/
MOSI1
/SDA1
CTS4_
RTS4/
SS4
SDA0
SEG5 TS19
M13
3
J10
3
F6
3
3
VBAT
WIO0
IRQ4
P402
AGTIO
0/
AGTIO
1
RTCIC
0
CRX0 RXD1/
MISO1
/SCL1
SEG6 TS18
K11
4
J11
4
H10
VBAT
WIO1
P403
AGTIO
0/
AGTIO
1
GTIOC
3A
RTCIC
1
CTS1_
RTS1/
SS1
SSISC
K0
TS17
L12
5
H9
5
G8
VBAT
WIO2
P404
GTIOC
3B
RTCIC
2
SSIWS
0
L13
6
H10
6
H9
P405
GTIOC
1A
SSITX
D0
J10
7
H11
7
F7
P406
GTIOC
1B
SSLA3 SSIRX
D0
H10
8
G6
P700
GTIOC
5A
MISOA
K12
9
G7
P701
GTIOC
5B
MOSIA
K13
10
G8
P702
GTIOC
6A
RSPC
KA
J11
11
P703
GTIOC
6B
SSLA0
VCOU
T
H11
12
P704
AGTO
0
SSLA1
G11
13
P705
AGTIO
0
SSLA2
J12
14
G10
8G9
44VBATT
J13
15
G11
9G10
55VCL
H13
16
F11
10
F10
6
6
XCIN
P215
H12
17
F10
11
F9
7
7
XCOU
T
P214
F12
18G9
12D9
8
8
VSS
G12
19
E10
13
E9
9
9
XTAL
IRQ2
P213
GTET
RGA
GTIOC
0A
TXD1/
MOSI1
/SDA1
G13
20E11
14
E10
1010EXTAL IRQ3
P212
AGTE
E1
GTET
RGB
GTIOC
0B
RXD1/
MISO1
/SCL1
F13
21F9
15D10
11
11
VCC
G10
22
P713
AGTO
A0
GTIOC
2A
F11
23
P712
AGTO
B0
GTIOC
2B
E13
24
P711
AGTE
E0
CTS1_
RTS1/
SS1
E12
25
F8
P710
A17
SCK1
F10
26
F7
IRQ10 P709
TXD1/
MOSI1
/SDA1
D13
27
E9
16
F8
IRQ11 P708
RXD1/
MISO1
/SCL1
SSLA3
E11
28
D10
17
E8
IRQ8
P415
GTIOC
0A
SSLA2
SD0C
D
D12
29
D11
18
E7
IRQ9
P414
GTIOC
0B
SSLA1
SD0W
P
E10
30E8
19C9
P413
GTOU
UP
CTS0_
RTS0/
SS0
SSLA0
SD0CL
K
C13
31
D9
20
C10
P412
GTOU
LO
SCK0
RSPC
KA
SD0C
MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com