Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp S3A3 Datasheet HTML 15Page - Renesas Technology Corp S3A3 Datasheet HTML 16Page - Renesas Technology Corp S3A3 Datasheet HTML 17Page - Renesas Technology Corp S3A3 Datasheet HTML 18Page - Renesas Technology Corp S3A3 Datasheet HTML 19Page - Renesas Technology Corp S3A3 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 16 of 139
Mar 7, 2017
S3A3
1. Overview
QSPI
QSPCLK
Output
QSPI clock output pin
QSSL
Output
QSPI slave output pin
QIO0
I/O
Master transmit data/data 0
QIO1
I/O
Master input data/data 1
QIO2, QIO3
I/O
Data 2, Data 3
CAN
CRX0
Input
Receive data
CTX0
Output
Transmit data
USBFS
VSS_USB
Input
Ground pins
VCC_USB_LDO
Input
Power supply pin for USB LDO regulator
VCC_USB
I/O
Input: Power supply pin for USB transceiver.
Output: USB LDO regulator output pin. This pin should be connected to an
external capacitor.
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. This pin should be connected to
the D+ pin of the USB bus.
USB_DM
I/O
D– I/O pin of the USB on-chip transceiver. This pin should be connected to
the D– pin of the USB bus.
USB_VBUS
Input
USB cable connection monitor pin. This pin should be connected to VBUS
of the USB bus. The VBUS pin status (connected or disconnected) can be
detected when the USB module is operating as a device controller.
USB_EXICEN
Output
Low power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
External overcurrent detection signals should be connected to these pins.
VBUS comparator signals should be connected to these pins when the
OTG power supply chip is connected.
USB_ID
Input
MicroAB connector ID input signal should be connected to this pin during
operation in OTG mode
SDHI
SD0CLK
Output
SD clock output pin
SD0CMD
I/O
SD command output, response input signal pin
SD0DAT0 to
SD0DAT7
I/O
SD data bus pins
SD0CD
Input
SD card detection pin
SD0WP
Input
SD write-protect signal
Analog power
supply
AVCC0
Input
Analog block power supply pin
AVSS0
Input
Analog block power supply ground pin
VREFH0
Input
Reference power supply pin
VREFL0
Input
Reference power supply ground pin
VREFH
Input
Analog reference voltage supply pin for D/A converter
VREFL
Input
Analog reference ground pin for D/A converter
ADC14
AN000 to AN027
Input
Input pins for the analog signals to be processed by the A/D converter
ADTRG0
Input
Input pins for the external trigger signals that start the A/D conversion,
active-low
DAC12
DA0
Output
Output pins for the analog signals to be processed by the D/A converter
Comparator output
VCOUT
Output
Comparator output pin
ACMPLP
CMPREF0,
CMPREF1
Input
Reference voltage input pins
CMPIN0, CMPIN1
Input
Analog voltage input pins
OPAMP
AMP0+ to AMP3+
Input
Analog voltage input pins
AMP0- to AMP3-
Input
Analog voltage input pins
AMP0O to AMP3O
Output
Analog voltage output pins
CTSU
TS00 to TS13,
TS17 to TS22,
TS27 to TS31,
TS34, TS35
Input
Capacitive touch detection pins (touch pins)
TSCAP
—
Secondary power supply pin for the touch driver
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com