Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 89Page - Renesas Technology Corp S3A3 Datasheet HTML 90Page - Renesas Technology Corp S3A3 Datasheet HTML 91Page - Renesas Technology Corp S3A3 Datasheet HTML 92Page - Renesas Technology Corp S3A3 Datasheet HTML 93Page - Renesas Technology Corp S3A3 Datasheet HTML 94Page - Renesas Technology Corp S3A3 Datasheet HTML 95Page - Renesas Technology Corp S3A3 Datasheet HTML 96Page - Renesas Technology Corp S3A3 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 93 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.3.13
SSIE Timing
Figure 2.71
SSIE clock input/output timing
Table 2.43
SSIE timing
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit
Test conditions
SSIE
AUDIO_CLK input
frequency
2.7 V or above
tAUDIO
-25
MHz
-
1.6 V or above
-
4
Output clock period
tO
250
-
ns
Figure 2.71
Input clock period
tI
250
-
ns
Clock high pulse
width
1.8 V or above
tHC
100
-
ns
1.6 V or above
200
-
Clock low pulse
width
1.8 V or above
tLC
100
-
ns
1.6 V or above
200
-
Clock rise time
tRC
-25
ns
Data delay
2.7 V or above
tDTR
-65
ns
Figure 2.72,
Figure 2.73
1.8 V or above
-
105
1.6 V or above
-
140
Set-up time
2.7 V or above
tSR
65
-
ns
1.8 V or above
90
-
1.6 V or above
140
-
Hold time
tHTR
40
-
ns
SSITXD0 output
delay from
SSILRCK/SSIFS
change time
1.8 V or above
TDTRW
-
105
ns
Figure 2.74
1.6 V or above
-
140
SSIBCK0
tHC
tLC
tRC
tI, tO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com