Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 5Page - Renesas Technology Corp S3A3 Datasheet HTML 6Page - Renesas Technology Corp S3A3 Datasheet HTML 7Page - Renesas Technology Corp S3A3 Datasheet HTML 8Page - Renesas Technology Corp S3A3 Datasheet HTML 9Page - Renesas Technology Corp S3A3 Datasheet HTML 10Page - Renesas Technology Corp S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 9 of 139
Mar 7, 2017
S3A3
1. Overview
Controller Area Network (CAN)
Module
The Controller Area Network (CAN) module provides functionality to receive and transmit data
using a message-based protocol between multiple slaves and masters in electromagnetically
noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 31, Controller Area Network (CAN) Module in User's Manual.
USB 2.0 Full-Speed Module (USBFS) The USBFS is a USB controller that is equipped to operate as a host controller or device
controller. The module supports full-speed and low-speed (only for the host controller) transfer
as defined in the Universal Serial Bus Specification 2.0. The module has an internal USB
transceiver and supports all of the transfer types defined in the Universal Serial Bus
Specification 2.0. The USB has buffer memory for data transfer, providing a maximum of 10
pipes. PIPE1 to PIPE9 can be assigned any endpoint number based on the peripheral devices
used for communication or based on the user system.
The MCU supports revision 1.2 of the Battery Charging Specification. Because the MCU can
be powered at 5 V, the USB LDO regulator provides the internal USB transceiver power supply
at 3.3 V. See section 28, USB 2.0 Full-Speed Module (USBFS) in User's Manual.
SD/MMC Host Interface (SDHI)
The Secure Digital Host Interface (SDHI) and MultiMediaCard (MMC) interface provide the
functionality needed to connect a variety of external memory cards to the MCU. The SDHI
supports both 1-bit and 4-bit buses for connecting different memory cards that support SD,
SDHC, and SDXC formats. When developing host devices that are compliant with the SD
specifications, you must comply with the SD Host/Ancillary Product License Agreement (SD
HALA).
The MMC interface supports 1-bit, 4-bit, and 8-bit MMC buses that provide eMMC 4.51
(JEDEC Standard JESD 84-B451) device access. This interface also provides backward
compatibility and support for high-speed SDR transfer modes. See section 36, SD/MMC Host
Interface (SDHI) in User's Manual.
Table 1.9
Analog
Feature
Functional description
14-bit A/D Converter (ADC14)
A 14-bit successive approximation A/D converter is provided. Up to 28 analog input channels
are selectable. Temperature sensor output and internal reference voltage are selectable for
conversion. The A/D conversion accuracy is selectable from 12-bit and 14-bit conversion
making it possible to optimize the tradeoff between speed and resolution in generating a digital
value. See section 38, 14-Bit A/D Converter (ADC14) in User's Manual.
12-bit D/A Converter (DAC12)
The 12-bit D/A converts data and includes an output amplifier. See section 39, 12-Bit D/A
Converter (DAC12) in User's Manual.
8-bit D/A Converter (DAC8) (for
ACMPLP)
The 8-bit D/A converts data and does not include an output amplifier (DAC8). The DAC8 is
used only as the reference voltage for ACMPLP. See section 43, 8-Bit D/A Converter (DAC8)
in User's Manual.
Temperature Sensor (TSN)
The on-chip temperature sensor determines and monitors the die temperature for reliable
operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is linear.
The output voltage is provided to the ADC for conversion and can be further used by the end
application. See section 40, Temperature Sensor (TSN) in User's Manual.
Low-Power Analog Comparator
(ACMPLP)
The analog comparator compares a reference input voltage and analog input voltage. The
comparison result can be read by software and also be output externally. The reference input
voltage can be selected from an input to the CMPREFi(i = 0,1) pin, an internal 8-bit D/A
converter output, or the internal reference voltage (Vref) generated internally in the MCU.
The ACMPLP response speed can be set before starting an operation. Setting the High-speed
mode decreases the response delay time, but increases current consumption. Setting the
Low-speed mode increases the response delay time, but decreases current consumption. See
section 42, Low Power Analog Comparator (ACMPLP) in User's Manual.
Operational Amplifier (OPAMP)
The operational amplifier amplifies small analog input voltages and outputs the amplified
voltages. A total of four differential operational amplifier units with two input pins and one
output pin are provided. See section 41, Operational Amplifier (OPAMP) in User's Manual.
Table 1.8
Communication interfaces (2 of 2)
Feature
Functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com