Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 66Page - Renesas Technology Corp S3A3 Datasheet HTML 67Page - Renesas Technology Corp S3A3 Datasheet HTML 68Page - Renesas Technology Corp S3A3 Datasheet HTML 69Page - Renesas Technology Corp S3A3 Datasheet HTML 70Page - Renesas Technology Corp S3A3 Datasheet HTML 71Page - Renesas Technology Corp S3A3 Datasheet HTML 72Page - Renesas Technology Corp S3A3 Datasheet HTML 73Page - Renesas Technology Corp S3A3 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 70 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
Table 2.33
Bus timing (3)
Conditions: Low drive output is selected in the Port Drive Capability in PmnPFS register
VCC = 1.8 to 2.4 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
Parameter
Symbol
Min
Max
Unit
Test conditions
Address delay
tAD
-90
ns
Figure 2.42
to Figure 2.45
Byte control delay
tBCD
-90
ns
CS delay
tCSD
-90
ns
ALE delay time
tALED
-90
ns
RD delay
tRSD
-90
ns
Read data setup time
tRDS
70
-
ns
Read data hold time
tRDH
0-
ns
WR delay
tWRD
-90
ns
Write data delay
tWDD
-90
ns
Write data hold time
tWDH
0-
ns
WAIT setup time
tWTS
70
-
ns
Figure 2.46
WAIT hold time
tWTH
0-
ns
Table 2.34
Bus timing (4)
Conditions: Low drive output is selected in the Port Drive Capability in PmnPFS register
VCC = 1.6 to 1.8 V
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF
Parameter
Symbol
Min
Max
Unit
Test conditions
Address delay
tAD
-
120
ns
Figure 2.42
to Figure 2.45
Byte control delay
tBCD
-
120
ns
CS delay
tCSD
-
120
ns
ALE delay time
tALED
-
120
ns
RD delay
tRSD
-
120
ns
Read data setup time
tRDS
90
-
ns
Read data hold time
tRDH
0-
ns
WR delay
tWRD
-
120
ns
Write data delay
tWDD
-
120
ns
Write data hold time
tWDH
0-
ns
WAIT setup time
tWTS
90
-
ns
Figure 2.46
WAIT hold time
tWTH
0-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com