Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 23Page - Renesas Technology Corp S3A3 Datasheet HTML 24Page - Renesas Technology Corp S3A3 Datasheet HTML 25Page - Renesas Technology Corp S3A3 Datasheet HTML 26Page - Renesas Technology Corp S3A3 Datasheet HTML 27Page - Renesas Technology Corp S3A3 Datasheet HTML 28Page - Renesas Technology Corp S3A3 Datasheet HTML 29Page - Renesas Technology Corp S3A3 Datasheet HTML 30Page - Renesas Technology Corp S3A3 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 27 of 139
Mar 7, 2017
S3A3
1. Overview
C8
57
E6
40
A5
27
27
NMI
P200
C6
58
P312
CS3
AGTO
A1
CTS3_
RTS3/
SS3
B5
59
P311
CS2
AGTO
B1
SCK3
D7
60
P310
A15
AGTE
E1
TXD3/
MOSI3
/SDA3
QIO3
A5
61
B5
P309
A14
RXD3/
MISO3
/SCL3
QIO2
C5
62
A5
P308
A13
QIO1
SEG13
A4
63
C5
41
C5
P307
A12
QIO0
SEG14
B4
64
B4
42
D4
P306
A11
QSSL
SEG15
D6
65
A4
43
A4
IRQ8
P305
A10
QSPC
LK
SD0C
D
SEG16
C4
66
E5
44
B4
28
28
IRQ9
P304
A09
GTIOC
7A
SD0W
P
SEG17 TS11
A3
67
C4
45
C4
P808
SD0CL
K
SEG18
B3
68
A3
46
A3
P809
SD0C
MD
SEG19
D5
69
B3
47
B3
29
29
P303
A08
GTIOC
7B
SD0D
AT0
SEG3/
COM7
TS2
A2
70
D5
48
B2
30
30
IRQ5
P302
A07
GTOU
UP
GTIOC
4A
TXD2/
MOSI2
/SDA2
SSLB3
SEG2/
COM6
TS8
C3
71
A2
49
C2
31
31
IRQ6
P301
A06
AGTIO
0
GTOU
LO
GTIOC
4B
RXD2/
MISO2
/SCL2
CTS9_
RTS9/
SS9
SSLB2
SEG1/
COM5
TS9
B2
72
A1
50
A2
32
32
TCK/
SWCL
K
P300
GTOU
UP
GTIOC
0A
SSLB1
A1
73
B2
51
A1
33
33
TMS/
SWDI
O
P108
GTOU
LO
GTIOC
0B
CTS9_
RTS9/
SS9
SSLB0
D4
74
B1
52
B1
34
34
TDO/
SWO/
CLKO
UT
P109
GTOV
UP
GTIOC
1A
CTX0
SCK1
TXD9/
MOSI9
/SDA9
MOSIB
SEG52 TS10
B1
75
C3
53
C3
35
35
TDI
IRQ3
P110
GTOV
LO
GTIOC
1B
CRX0 CTS2_
RTS2/
SS2
RXD9/
MISO9
/SCL9
MISOB
VCOU
T
SEG53
C2
76
D3
54
D3
36
36
IRQ4
P111
A05
GTIOC
3A
SCK2
SCK9
RSPC
KB
CAPH TS12
D3
77
C1
55
C1
37
37
P112
A04
GTIOC
3B
TXD2/
MOSI2
/SDA2
SCK1
SSLB0 SSISC
K0
CAPL TSCA
P
C1
78
C2
56
E5
38
38
P113
A03
GTIOC
2A
RXD2/
MISO2
/SCL2
SSIWS
0
SEG0/
COM4
TS27
E4
79
D4
57
D2
P114
A02
GTIOC
2B
SSIRX
D0
SEG24 TS29
E3
80
D1
58
E4
P115
A01
GTIOC
4A
SSITX
D0
SEG25 TS35
D2
81
P806
SEG26
D1
82
P807
SEG27
F4
83
D2
59
D1
P608
A00/
BC0
GTIOC
4B
SD0D
AT1
SEG28
E2
84
E3
60
E3
P609
CS1
GTIOC
5A
SD0D
AT2
SEG29
F3
85
E1
61
E2
P610
CS0
GTIOC
5B
SD0D
AT3
SEG30
Pin number
Timers
Communication interfaces
Analogs
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com