Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 56Page - Renesas Technology Corp S3A3 Datasheet HTML 57Page - Renesas Technology Corp S3A3 Datasheet HTML 58Page - Renesas Technology Corp S3A3 Datasheet HTML 59Page - Renesas Technology Corp S3A3 Datasheet HTML 60Page - Renesas Technology Corp S3A3 Datasheet HTML 61Page - Renesas Technology Corp S3A3 Datasheet HTML 62Page - Renesas Technology Corp S3A3 Datasheet HTML 63Page - Renesas Technology Corp S3A3 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 60 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
Note 1.
Time until the clock can be used after the Main Clock Oscillator Stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2.
The VCC range that the PLL can be used is 2.4 to 5.5 V.
Note 3.
After changing the setting of the SOSCCR.SOSTP bit so that the sub-clock oscillator operates, only start using the sub-clock
oscillator after the sub-clock oscillation stabilization wait time elapses, that is greater than or equal to the value recommended
by the oscillator manufacturer.
Note 4.
The 48-MHz HOCO can be used within a VCC range of 1.8 V to 5.5 V.
Note 5.
The 64-MHz HOCO can be used within a VCC range of 2.4 V to 5.5 V.
Note 6.
This is a characteristic when HOCOCR.HCSTP bit is set to 0 (oscillation) in MOCO stop state.
When HOCOCR.HCSTP bit is set to 0 (oscillation) during MOCO oscillation, this specification is shortened by 1 μs.
Note 7.
Whether stabilization time has elapsed can be confirmed by OSCSF.HOCOSF.
Note 8.
This is a characteristic when PLLCR.PLLSTP bit is set to 0 (operation) in MOCO stop state.
When PLLCR.PLLSTP bit is set to 0 (operation) during MOCO oscillation, this specification is shortened by 1 μs.
Note 9.
When setting up the main clock, ask the oscillator manufacturer for an oscillation evaluation and use the results as the
recommended oscillation stabilization time. Set the MOSCWTCR register to a value equal to or greater than the recommended
stabilization time. After changing the setting of the MOSCCR.MOSTP bit so that the main clock oscillator operates, read the
OSCSF.MOSCSF flag to confirm that it is 1, then start using the main clock.
HOCO clock oscillation frequency
fHOCO24
23.64
24
24.36
MHz
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 5.5
22.68
24
25.32
Ta = –40 to 85°C
1.6 ≤ VCC < 1.8
23.76
24
24.24
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
23.52
24
24.48
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO32
31.52
32
32.48
Ta = –40 to -20°C
1.8 ≤ VCC ≤ 5.5
30.24
32
33.76
Ta = –40 to 85°C
1.6 ≤ VCC < 1.8
31.68
32
32.32
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
31.36
32
32.64
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO48*4
47.28
48
48.72
Ta = –40 to –20°C
1.8 ≤ VCC ≤ 5.5
47.52
48
48.48
Ta = –20 to 85°C
1.8 ≤ VCC ≤ 5.5
47.04
48
48.96
Ta = –40 to 105°C
2.4 ≤ VCC ≤ 5.5
fHOCO64*5
63.04
64
64.96
Ta = –40 to –20°C
2.4 ≤ VCC ≤ 5.5
63.36
64
64.64
Ta = –20 to 85°C
2.4 ≤ VCC ≤ 5.5
62.72
64
65.28
Ta = 85 to 105°C
2.4 ≤ VCC ≤ 5.5
HOCO clock oscillation
stabilization time*6, *7
Except low-voltage
mode
tHOCO24
tHOCO32
--
37.1
μs
Figure 2.29
tHOCO48
--
43.3
tHOCO64
--
80.6
Low-Voltage mode
tHOCO24
tHOCO32
tHOCO48
tHOCO64
-
-
100.9
PLL input frequency*2
fPLLIN
4-
12.5
MHz
-
PLL circuit oscillation frequency*2
fPLL
24
-
64
MHz
-
PLL clock oscillation stabilization time*8
tPLL
--
55.5
μs
Figure 2.31
PLL free-running oscillation frequency
fPLLFR
-8
-MHz
-
Sub-clock oscillator oscillation frequency
fSUB
-
32.768
-
kHz
-
Sub-clock oscillation stabilization time*3
tSUBOSC
--
-*3
s
Figure 2.32
Table 2.22
Clock timing (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com