Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 43Page - Renesas Technology Corp S3A3 Datasheet HTML 44Page - Renesas Technology Corp S3A3 Datasheet HTML 45Page - Renesas Technology Corp S3A3 Datasheet HTML 46Page - Renesas Technology Corp S3A3 Datasheet HTML 47Page - Renesas Technology Corp S3A3 Datasheet HTML 48Page - Renesas Technology Corp S3A3 Datasheet HTML 49Page - Renesas Technology Corp S3A3 Datasheet HTML 50Page - Renesas Technology Corp S3A3 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 47 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.2.9
Operating and Standby Current
Table 2.11
Operating and standby current (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*10
Max
Unit
Test
conditions
Supply
current
*1
High-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
ICC
8.4
-
mA
*7
ICLK = 32 MHz
5.9
-
ICLK = 16 MHz
3.5
-
ICLK = 8 MHz
2.3
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 48 MHz
17.9
-
ICLK = 32 MHz
12.4
-
ICLK = 16 MHz
7.0
-
ICLK = 8 MHz
4.3
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
21.2
-
*9
ICLK = 32 MHz
16.0
-
*8
ICLK = 16 MHz
8.8
-
ICLK = 8 MHz
5.1
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 48 MHz
-
56.0
*9
Sleep mode
All peripheral clock
disabled
*5
ICLK = 48 MHz
3.7
-
*7
ICLK = 32 MHz
2.7
-
ICLK = 16 MHz
2.0
-
ICLK = 8 MHz
1.5
-
All peripheral clock
enabled
*5
ICLK = 48 MHz
16.4
-
*9
ICLK = 32 MHz
12.7
-
*8
ICLK = 16 MHz
7.2
-
ICLK = 8 MHz
4.3
-
Increase during BGO operation
*6
2.5
-
-
Middle-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
ICC
2.5
-
mA
*7
ICLK = 8 MHz
2.1
-
ICLK = 1 MHz
1.0
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 12 MHz
5.2
-
ICLK = 8 MHz
4.0
-
ICLK = 1 MHz
1.3
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
6.5
-
*8
ICLK = 8 MHz
4.8
-
ICLK = 1 MHz
1.6
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 12 MHz
-
23.0
Sleep mode
All peripheral clock
disabled
*5
ICLK = 12 MHz
1.4
-
*7
ICLK = 8 MHz
1.3
-
ICLK = 1 MHz
0.9
-
All peripheral clock
enabled
*5
ICLK = 12 MHz
5.3
-
*8
ICLK = 8 MHz
4.0
-
ICLK = 1 MHz
1.5
-
Increase during BGO operation
*6
2.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com