Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 55Page - Renesas Technology Corp S3A3 Datasheet HTML 56Page - Renesas Technology Corp S3A3 Datasheet HTML 57Page - Renesas Technology Corp S3A3 Datasheet HTML 58Page - Renesas Technology Corp S3A3 Datasheet HTML 59Page - Renesas Technology Corp S3A3 Datasheet HTML 60Page - Renesas Technology Corp S3A3 Datasheet HTML 61Page - Renesas Technology Corp S3A3 Datasheet HTML 62Page - Renesas Technology Corp S3A3 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 59 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.3.2
Clock Timing
Table 2.22
Clock timing (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EBCLK pin output cycle time
VCC = 2.7 V or above
tBcyc
83.3
-
-
ns
Figure 2.26
VCC = 1.8 V or above
125
-
-
VCC = 1.6 V or above
500
-
-
EBCLK pin output high pulse
width
VCC = 2.7 V or above
tCH
20
-
-
ns
VCC = 1.8 V or above
30
-
-
VCC = 1.6 V or above
150
-
-
EBCLK pin output low pulse width
VCC = 2.7 V or above
tCL
20
-
-
ns
VCC = 1.8 V or above
30
-
-
VCC = 1.6 V or above
150
-
-
EBCLK pin output rise time
VCC = 2.7 V or above
tCr
--
15
ns
VCC = 2.4 V or above
-
-
25
VCC = 1.8 V or above
-
-
30
VCC = 1.6 V or above
-
-
50
EBCLK pin output fall time
VCC = 2.7 V or above
tCf
--
15
ns
VCC = 2.4 V or above
-
-
25
VCC = 1.8 V or above
-
-
30
VCC = 1.6 V or above
-
-
50
EXTAL external clock input cycle time
tXcyc
50
-
-
ns
Figure 2.27
EXTAL external clock input high pulse width
tXH
20
-
-
ns
EXTAL external clock input low pulse width
tXL
20
-
-
ns
EXTAL external clock rising time
tXr
--
5
ns
EXTAL external clock falling time
tXf
--
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
-
-
μs-
EXTAL external clock input frequency
fEXTAL
--
20
MHz
2.4 ≤ VCC ≤ 5.5
--
8
1.8 ≤ VCC < 2.4
--
1
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1-
20
MHz
2.4 ≤ VCC ≤ 5.5
1-
8
1.8 ≤ VCC < 2.4
1-
4
1.6 ≤ VCC < 1.8
Main clock oscillation stabilization wait time (crystal)*9
tMAINOSCWT
--
-*9
ms
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
-
LOCO clock oscillation stabilization time
tLOCO
--
100
μs
Figure 2.28
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
-
MOCO clock oscillation frequency
fMOCO
6.88
9.2MHz
-
MOCO clock oscillation stabilization time
tMOCO
--
1
μs-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com