Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 60Page - Renesas Technology Corp S3A3 Datasheet HTML 61Page - Renesas Technology Corp S3A3 Datasheet HTML 62Page - Renesas Technology Corp S3A3 Datasheet HTML 63Page - Renesas Technology Corp S3A3 Datasheet HTML 64Page - Renesas Technology Corp S3A3 Datasheet HTML 65Page - Renesas Technology Corp S3A3 Datasheet HTML 66Page - Renesas Technology Corp S3A3 Datasheet HTML 67Page - Renesas Technology Corp S3A3 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 64 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.3.4
Wakeup Time
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The
recovery time is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Note 4.
The HOCO Clock Wait Control Register (HOCOWTCR) is set to 05h.
Note 5.
The HOCO Clock Wait Control Register (HOCOWTCR) is set to 06h.
Note 1.
The division ratio of ICK, BCK, FCK, and PCKx is the minimum division ratio within the allowable frequency range. The
recovery time is determined by the system clock source.
Note 2.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 05h.
Note 3.
The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 00h.
Table 2.24
Timing of recovery from low power modes (1)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
High-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(20 MHz)*2
tSBYMC
-2
3
ms
Figure 2.36
System clock source is
PLL (48 MHz) with Main
clock oscillator*2
tSBYPC
-2
3
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(20 MHz)*3
tSBYEX
-14
25
μs
System clock source is
PLL (48 MHz) with Main
clock oscillator*3
tSBYPE
-53
76
μs
System clock source is HOCO*4
(HOCO clock is 32 MHz)
tSBYHO
-43
52
μs
System clock source is HOCO*4
(HOCO clock is 48 MHz)
tSBYHO
-44
52
μs
System clock source is HOCO*5
(HOCO clock is 64 MHz)
tSBYHO
-82
110
μs
System clock source is MOCO
tSBYMO
-16
25
μs
Table 2.25
Timing of recovery from low power modes (2)
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Middle-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator
(12 MHz)*2
tSBYMC
-2
3
ms
Figure 2.36
System clock source is
PLL (24 MHz) with main
clock oscillator*2
tSBYPC
-2
3
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator
(12 MHz)*3
tSBYEX
-2.9
10
μs
System clock source is
PLL (24 MHz) with main
clock oscillator*3
tSBYPE
-49
76
μs
System clock source is HOCO (24 MHz)
tSBYHO
-38
50
μs
System clock source is MOCO
tSBYMO
-3.5
5.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com