Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 91Page - Renesas Technology Corp S3A3 Datasheet HTML 92Page - Renesas Technology Corp S3A3 Datasheet HTML 93Page - Renesas Technology Corp S3A3 Datasheet HTML 94Page - Renesas Technology Corp S3A3 Datasheet HTML 95Page - Renesas Technology Corp S3A3 Datasheet HTML 96Page - Renesas Technology Corp S3A3 Datasheet HTML 97Page - Renesas Technology Corp S3A3 Datasheet HTML 98Page - Renesas Technology Corp S3A3 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 95 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
Figure 2.74
SSIE data output delay from SSILRCK0/SSIFS0 change time
2.3.14
SD/MMC Host Interface Timing
Figure 2.75
SD/MMC host interface signal timing
Table 2.44
SD/MMC host interface signal timing
Conditions: VCC = 2.7 to 5.5 V
Middle drive output is selected in the Port Drive Capability in PmnPFS register
Parameter
Symbol
Min
Max
Unit
Test
conditions
SDCLK clock cycle
tSDCYC
62.5
-
ns
Figure 2.75
SDCLK clock high-level pulse width
tSDWH
18.25
-
ns
SDCLK clock low-level pulse width
tSDWL
18.25
-
ns
SDCLK clock rising time
tSDLH
-10
ns
SDCLK clock falling time
tSDHL
-10
ns
SDCMD/SDDAT output data delay
tSDODLY
–18.25
18.25
ns
SDCMD/SDDAT input data setup
tSDIS
9.25
-
ns
SDCMD/SDDAT input data hold
tSDIH
23.25
-
ns
tDTRW
SSILRCK0/SSIFS0 (Input)
SSITXD0 (Output)
MSB bit output delay from SSILRCK0/SSIFS0 change time for slave
transmitter when DEL = 1, SDTA = 0 or DEL = 1, SDTA = 1, SWL[2:0] = DWL[2:0]
SDCLK
(output)
SDCMD/SDDAT
(input)
SDCMD/SDDAT
(output)
tSDODLY(max)
tSDIS
tSDIH
tSDLH
tSDHL
tSDCYC
tSDWH
tSDWL
tSDODLY(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com