Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 10Page - Renesas Technology Corp S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp S3A3 Datasheet HTML 15Page - Renesas Technology Corp S3A3 Datasheet HTML 16Page - Renesas Technology Corp S3A3 Datasheet HTML 17Page - Renesas Technology Corp S3A3 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 14 of 139
Mar 7, 2017
S3A3
1. Overview
1.5
Pin Functions
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect this pin
to VSS by a 0.1-μF capacitor. The capacitor should be placed close to the
pin.
VCL
Input
Connect this pin to the VSS pin by the smoothing capacitor used to stabilize
the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
VBATT
Input
Backup power pin
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through
the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
EBCLK
Output
Outputs the external bus clock for external devices
CLKOUT
Output
Clock output pin
Operating mode
control
MD
Input
Pins for setting the operating mode. The signal levels on these pins must
not be changed during operation mode transition at the time of release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal
goes low.
CAC
CACREF
Input
Measurement reference clock input pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ15
Input
Maskable interrupt request pins
KINT
KR00 to KR07
Input
A key interrupt can be generated by inputting a falling edge to the key
interrupt input pins
On-chip debug
TMS
I/O
On-chip emulator or boundary scan pins
TDI
Input
TCK
Input
TDO
Output
SWDIO
I/O
Serial Wire debug Data Input/Output pin
SWCLK
Input
Serial Wire Clock pin
SWO
Output
Serial Wire trace Output pin
External bus
interface
RD
Output
Strobe signal which indicates that reading from the external bus interface
space is in progress, active-low
WR
Output
Strobe signal which indicates that writing to the external bus interface space
is in progress, in 1-write strobe mode, active-low
WR0, WR1
Output
Strobe signals which indicate that either group of data bus pins (D07 to
D00, D15 to D08) is valid in writing to the external bus interface space, in
byte strobe mode, active-low
BC0, BC1
Output
Strobe signals which indicate that either group of data bus pins (D07 to
D00, D15 to D08) is valid in access to the external bus interface space, in 1-
write strobe mode, active-low
ALE
Output
Address latch signal when address/data multiplexed bus is selected
WAIT
Input
Input pin for wait request signals in access to the external space, active-low
CS0 to CS3
Output
Select signals for CS areas, active-low
A00 to A23
Output
Address bus
D00 to D15
I/O
Data bus
Battery backup
VBATWIO0 to
VBATWIO2
I/O
Output wakeup signal for the VBATT wakeup control function.
External event input for the VBATT wakeup control function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com