Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 24Page - Renesas Technology Corp S3A3 Datasheet HTML 25Page - Renesas Technology Corp S3A3 Datasheet HTML 26Page - Renesas Technology Corp S3A3 Datasheet HTML 27Page - Renesas Technology Corp S3A3 Datasheet HTML 28Page - Renesas Technology Corp S3A3 Datasheet HTML 29Page - Renesas Technology Corp S3A3 Datasheet HTML 30Page - Renesas Technology Corp S3A3 Datasheet HTML 31Page - Renesas Technology Corp S3A3 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 28 of 139
Mar 7, 2017
S3A3
1. Overview
E1
86
E4
P611
SEG31
F2
87
F5
P612
D08
SEG32
F1
88
E2
P613
D09
SEG33
G3
89
P614
D10
SEG34
G1
90
F1
62
E1
39
39
VCC
G2
91
G1
63
F1
40
40
VSS
H1
92
P606
RTCO
UT
SEG35
H2
93
F2
P605
D11
GTIOC
8A
SEG36
G4
94
F3
P604
D12
GTIOC
8B
SEG37
H3
95
F4
64
F2
P603
D13
GTIOC
7A
CTS9_
RTS9/
SS9
SD0D
AT4
SEG38
J1
96
G2
65
F3
P602
EBCLK
GTIOC
7B
TXD9/
MOSI9
/SDA9
SD0D
AT5
SEG39
J2
97
G5
66
F4
P601
WR/
WR0
GTIOC
6A
RXD9/
MISO9
/SCL9
SD0D
AT6
SEG40
H4
98
G4
67
F5
P600
RD
GTIOC
6B
SCK9
SD0D
AT7
SEG41
K2
99
P805
GTIOC
9A
SEG42
K1
100
P804
GTIOC
9B
SEG43
J3
101
H1
68
G3
41
41
KR07
P107
D07
GTIOC
8A
COM3
K3
102
G3
69
G2
42
42
KR06
P106
D06
GTIOC
8B
SSLA3
COM2
J4
103
H2
70
G1
43
43
KR05/
IRQ0
P105
D05
GTET
RGA
GTIOC
1A
SSLA2
COM1 TS34
L3
104
H3
71
H1
44
44
KR04/
IRQ1
P104
D04
GTET
RGB
GTIOC
1B
RXD0/
MISO0
/SCL0
SSLA1
COM0 TS13
L1
105
J1
72
H3
45
45
KR03
P103
D03
GTOW
UP
GTIOC
2A
CTX0
CTS0_
RTS0/
SS0
SSLA0
AN019
CMPR
EF1
VL4
M1
106
J2
73
J1
46
46
KR02
P102
D02
AGTO
0
GTOW
LO
GTIOC
2B
CRX0 SCK0
TXD2/
MOSI2
/SDA2
RSPC
KA
AN020
/
ADTR
G0
CMPIN
1
VL3
M2
107
K1
74
H2
47
47
KR01/
IRQ1
P101
D01
AGTE
E0
GTET
RGB
GTIOC
5A
TXD0/
MOSI0
/SDA0
CTS1_
RTS1/
SS1
SDA1 MOSIA
AN021
CMPR
EF0
VL2
N1
108
L1
75
H4
48
48
KR00/
IRQ2
P100
D00
AGTIO
0
GTET
RGA
GTIOC
5B
RXD0/
MISO0
/SCL0
SCK1
SCL1
MISOA
AN022
CMPIN
0
VL1
L2
109
L2
P800
D14
SEG44
N2
110
K2
P801
D15
SEG45
N3
111
P802
SEG46
M3
112
P803
SEG47
K4
113
K376
K149
49
P500
AGTO
A0
GTIU
GTIOC
2A
USB_V
BUSE
N
QSPC
LK
AN016
CMPR
EF1
SEG48
M4
114
L377J2
5050
IRQ11 P501
AGTO
B0
GTIV
GTIOC
2B
USB_
OVRC
URA
TXD3/
MOSI3
/SDA3
QSSL
AN017
CMPIN
1
SEG49
L4
115
J3
78
K2
51
51
IRQ12 P502
GTIW GTIOC
3B
USB_
OVRC
URB
RXD3/
MISO3
/SCL3
QIO0
AN018
CMPR
EF0
SEG50
Pin number
Timers
Communication interfaces
Analogs
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com