Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 29Page - Renesas Technology Corp S3A3 Datasheet HTML 30Page - Renesas Technology Corp S3A3 Datasheet HTML 31Page - Renesas Technology Corp S3A3 Datasheet HTML 32Page - Renesas Technology Corp S3A3 Datasheet HTML 33Page - Renesas Technology Corp S3A3 Datasheet HTML 34Page - Renesas Technology Corp S3A3 Datasheet HTML 35Page - Renesas Technology Corp S3A3 Datasheet HTML 36Page - Renesas Technology Corp S3A3 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 33 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC – VOH) × ΣIOH + VOL ×
ΣIOL + ICCmax × VCC.
Note 1.
The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, see section 1.3, Part
Numbering. If the part number shows the operation temperature at 85°C, then the maximum value of Tj is 105°C, otherwise, it
is 125°C.
2.2.2
I/O VIH, VIL
Note 1.
P205, P206, P400, P401, P407, P408, P511, P512 (total 8 pins).
Note 2.
P100, P101, P204, P205, P206, P400, P401, P407, P408, P511, P512 (total 11 pins).
Note 3.
P205, P206, P400 to P404, P407, P408, P511, P512 (total 11pins).
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) –40 to +105°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
-
125
°C
High-speed mode
Middle-speed mode
Low-voltage mode
Low-speed mode
Subosc-speed mode
105*1
Table 2.4
I/O VIH, VIL (1)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 2.7 to 5.5V, VBATT = 1.6 to 3.6 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Schmitt trigger
input voltage
IIC*1 (except for SMBus)
VIH
VCC × 0.7
-
5.8
V
-
VIL
--
VCC × 0.3
∆VT
VCC × 0.05
-
-
RES, NMI
Other peripheral input pins
excluding IIC
VIH
VCC × 0.8
-
-
VIL
-
-
VCC × 0.2
∆VT
VCC × 0.1
-
-
Input voltage
(except for
Schmitt trigger
input pin)
IIC (SMBus)*2
VIH
2.2
-
-
VCC = 3.6 to 5.5 V
VIH
2.0
-
-
VCC = 2.7 to 3.6 V
VIL
--
0.8
-
5V-tolerant ports*3
VIH
VCC × 0.8
-
5.8
VIL
-
-
VCC × 0.2
P914, P915
VIH
VCC_USB × 0.8 -
VCC_USB + 0.3
VIL
--
VCC_USB × 0.2
P000 to P015
VIH
AVCC0 × 0.8
-
-
VIL
--
AVCC0 × 0.2
EXTAL
D00 to D15
Input ports pins except for
P000 to P015, P914, P915
VIH
VCC × 0.8
-
-
VIL
-
-
VCC × 0.2
When VBATT
power supply is
selected
P402, P403, P404
VIH
VBATT × 0.8
-
VBATT + 0.3
VIL
--
VBATT × 0.2
∆VT
VBATT × 0.05
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com