Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 104Page - Renesas Technology Corp S3A3 Datasheet HTML 105Page - Renesas Technology Corp S3A3 Datasheet HTML 106Page - Renesas Technology Corp S3A3 Datasheet HTML 107Page - Renesas Technology Corp S3A3 Datasheet HTML 108Page - Renesas Technology Corp S3A3 Datasheet HTML 109Page - Renesas Technology Corp S3A3 Datasheet HTML 110Page - Renesas Technology Corp S3A3 Datasheet HTML 111Page - Renesas Technology Corp S3A3 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 108 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.6
DAC12 Characteristics
Table 2.57
D/A conversion characteristics (1)
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Reference voltage = VREFH or VREFL selected
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
-
-
12
bit
-
Resistive load
30
-
-
kΩ
-
Capacitive load
-
-
50
pF
-
Output voltage range
0.35
-
AVCC0 – 0.47
V
-
DNL differential nonlinearity error
-
±0.5
±1.0
LSB
-
INL integral nonlinearity error
-
±2.0
±8.0
LSB
-
Offset error
-
-
±20
mV
-
Full-scale error
-
-
±20
mV
-
Output impedance
-
5
-
Ω
-
Conversion time
-
-
30
μs-
Table 2.58
D/A conversion characteristics (2)
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Reference voltage = AVCC0 or AVSS0 selected
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
-
-
12
bit
-
Resistive load
30
-
-
kΩ
-
Capacitive load
-
-
50
pF
-
Output voltage range
0.35
-
AVCC0 – 0.47
V
-
DNL differential nonlinearity error
-
±0.5
±2.0
LSB
-
INL integral nonlinearity error
-
±2.0
±8.0
LSB
-
Offset error
-
-
±30
mV
-
Full-scale error
-
-
±30
mV
-
Output impedance
-
5
-
Ω
-
Conversion time
-
-
30
μs-
Table 2.59
D/A conversion characteristics (3)
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Reference voltage = internal reference voltage selected
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
-
-
12
bit
-
Internal reference voltage (Vbgr)
1.36
1.43
1.50
V
-
Resistive load
30
-
-
kΩ
-
Capacitive load
-
-
50
pF
-
Output voltage range
0.35
-
Vbgr
V
-
DNL differential nonlinearity error
-
±2.0
±16.0
LSB
-
INL integral nonlinearity error
-
±8.0
±16.0
LSB
-
Offset error
-
-
±30
mV
-
Output impedance
-
5
-
Ω
-
Conversion time
-
-
30
μs-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com