Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 111Page - Renesas Technology Corp S3A3 Datasheet HTML 112Page - Renesas Technology Corp S3A3 Datasheet HTML 113Page - Renesas Technology Corp S3A3 Datasheet HTML 114Page - Renesas Technology Corp S3A3 Datasheet HTML 115Page - Renesas Technology Corp S3A3 Datasheet HTML 116Page - Renesas Technology Corp S3A3 Datasheet HTML 117Page - Renesas Technology Corp S3A3 Datasheet HTML 118Page - Renesas Technology Corp S3A3 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 115 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.10
VBATT Characteristics
Note:
The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the
voltage level for switching to battery backup (VDETBATT).
Figure 2.89
Power supply switching and LVD0 reset timing
Table 2.64
Battery backup function characteristics
Conditions: VCC = AVCC0 = 1.6V to 5.5V, VBATT = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage level for switching to battery backup (falling)
VDETBATT
1.99
2.09
2.19
V
Figure 2.89,
Figure 2.90
Hysteresis width for switching to battery back up
VVBATTH
-
100
-
mV
VCC-off period for starting power supply switching
tVOFFBATT
300
-
-
μs-
Voltage detection level
VBATT_Power-on reset (VBATT_POR)
VVBATPOR
1.30
1.40
1.50
V
Figure 2.89,
Figure 2.90
Wait time after VBATT_POR reset time cancellation
tVBATPOR
-
-
3
mS
-
Level for detection of voltage drop on
the VBATT pin (falling)
VBTLVDLVL[1:0] = 10b VDETBATLVD
2.11
2.2
2.29
V
Figure 2.91
VBTLVDLVL[1:0] = 11b
1.92
2
2.08
V
Hysteresis width for VBATT pin LVD
VVBATLVDTH
-
50
-
mV
VBATT pin LVD operation stabilization time
td_vbat
-
-
300
μs
Figure 2.91
VBATT pin LVD response delay time
tdet_vbat
-
-
350
μs
Allowable voltage change rising/falling gradient
dt/dVCC
1.0
-
-
ms/V
-
VCC voltage level for access to the VBATT backup registers
V_BKBATT
1.8
-
-
V
-
VDETBATT
VVBATH
VCC supplied
VBATT
VCC
VVBATPOR
VBATT supplied
VCC supplied
Backup power area
Internal reset signal
(active-low)
tLVD0
Vdet0
VLVH
tdet
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com