Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3A3 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 117Page - Renesas Technology Corp S3A3 Datasheet HTML 118Page - Renesas Technology Corp S3A3 Datasheet HTML 119Page - Renesas Technology Corp S3A3 Datasheet HTML 120Page - Renesas Technology Corp S3A3 Datasheet HTML 121Page - Renesas Technology Corp S3A3 Datasheet HTML 122Page - Renesas Technology Corp S3A3 Datasheet HTML 123Page - Renesas Technology Corp S3A3 Datasheet HTML 124Page - Renesas Technology Corp S3A3 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 121 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.14
OPAMP Characteristics
Note 1.
When the operational amplifier reference current circuit is activated in advance.
Table 2.74
OPAMP characteristics
Conditions: VCC = AVCC0 = 1.8 to 5.5 V (AVCC0 = VCC when VCC < 2.0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common mode input
range
Vicm1
Low power consumption mode
0.2
-
AVCC0 – 0.5
V
Vicm2
High-speed mode
0.3
-
AVCC0 – 0.6
V
Output voltage range
Vo1
Low power consumption mode
0.1
-
AVCC0 – 0.1
V
Vo2
High-speed mode
0.1
-
AVCC0 – 0.1
V
Input offset voltage
Vioff
3σ
–10
-
10
mV
Open gain
Av
60
120
-
dB
Gain-bandwidth (GB)
product
GBW1
Low power consumption mode
-
0.04
-
MHz
GBW2
High-speed mode
-
1.7
-
MHz
Phase margin
PM
CL = 20 pF
50
-
-
deg
Gain margin
GM
CL = 20 pF
10
-
-
dB
Equivalent input noise
Vnoise1
f = 1 kHz
Low power consumption
mode
-
230
-
nV/√Hz
Vnoise2
f = 10 kHz
-
200
-
nV/√Hz
Vnoise3
f = 1 kHz
High-speed mode
-
90
-
nV/√Hz
Vnoise4
f = 2 kHz
-
70
-
nV/√Hz
Power supply
reduction ratio
PSRR
-90
-
dB
Common mode signal
reduction ratio
CMRR
-
90
-
dB
Stabilization wait time
Tstd1
CL = 20 pF
Only operational amplifier is
activated *1
Low power consumption
mode
650
-
-
μs
Tstd2
High-speed mode
13
-
-
μs
Tstd3
CL = 20 pF
Operational amplifier and
reference current circuit are
activated simultaneously
Low power consumption
mode
650
-
-
μs
Tstd4
High-speed mode
13
-
-
μs
Settling time
Tset1
CL = 20 pF
Low power consumption
mode
-
-
750
μs
Tset2
High-speed mode
-
-
13
μs
Slew rate
Tslew1
CL = 20 pF
Low power consumption
mode
-0.02
-
V/μs
Tslew2
High-speed mode
-
1.1
-
V/μs
Load current
Iload1
Low power mode
–100
-
100
μA
Iload2
High-speed mode
–100
-
100
μA
Load capacitance
CL
--20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com