Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 21
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
4.3
Channel Serial Mode
The signals in Table 4-C make up the serial channel interface. The serial channel mode transfers data in and out of the AMBE-
2000™ using 16 bit words on the two data lines CHAN_RX_DATA and CHAN_TX_DATA. The selection of the
formatted or unformatted format of this data is made using information in Table 4-A.
Table 4-C Channel Serial Interface Pin Descriptions
Pin
Symbol
Pin
Direction
Pin
Number
Description
EPR
Out
20
Encoder Packet Ready: Following a reset, this output signal will have a
high to low transition to indicate that the encoder has a frame of data to
output. The next packet will be ready approximately 20 msec later. See
Note 1.
CHAN_RX_DATA
In
32
Serial Data Input: 16 bits of channel data are input on CHAN_RX_DATA,
synchronous to CHAN_RX_CLK, with each CHAN_RX_STRB pulse.
CHAN_RX_CLK
In
28
Serial
Input
Clock:
In
coordination
with
CHAN_RX_STRB,
CHAN_RX_DATA is latched by the AMBE-2000™ on the falling edges of
CHAN_RX_CLK.
CHAN_RX_STRB
In
30
Input (Write) Data Strobe: This signal indicates to the AMBE-2000™
when the data on CHAN_RX_DATA will be latched by CHAN_RX_CLK.
See Figure 4-B.
CHAN_TX_DATA
Out
42
Serial
Data
Output:
16
bits
of
channel
data
are
output
on
CHAN_TX_DATA,
synchronous
to
CHAN_TX_CLK,
with
each
CHAN_TX_STRB pulse.
CHAN_TX_CLK
In
34
Serial Output Clock: In coordination with CHAN_TX_STRB, the data on
CHAN_TX_DATA is output by the AMBE-2000™ on the falling edges of
CHAN_TX_CLK.
CHAN_TX_STRB
Active
Output/
Passive
Input
38
Output (Read) Data Strobe: This signal indicates to the AMBE-2000™
when to bring the data to the CHAN_TX_DATA pin. See Figure 4-B.
Note 1:The AMBE-2000 expects an encoder packet to be read approximately every 20 msec. Following the initial
reset, wait for EPR to go low and read the initial packet (t0). 20 msec later, the next packet (t1) should be ready.
For packet t1 and all following packets use the procedure below:
1) Wait for slightly less than 20 msec.
2) Assert CHAN_TX_STB and read word on CHAN_TX_DATA.
3) If transmitted word not 0x13EC, discard it and repeat step 2.
4) If transmitted word 0x13EC, read 23 more words (rest of packet).
A new packet should be ready every 20 msec after the initial EPR high to low transition.
A packet read should take place
every 20 msec. If there is a delay in the read (i.e. a packet is missed), it is recommended that the device be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com