Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 40
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
7.4
Voice Activation Detection (VAD), Comfort Noise Insertion (CNI)
The Voice Activation Detection (VAD) algorithm along with the Comfort Noise Insertion (CNI) feature of the AMBE-2000™
chip performs useful functions in systems trying to convert periods of silence, that exist in normal conversation, to savings in
system bandwidth or power.
With the VAD functions enabled, periods of silence will be denoted by the encoder in two ways. First, the encoder will output
a silence frame (in-band). This silence frame contains information regarding the level of background noise which allows the
corresponding decoder to synthesize a “Comfort Noise” signal at the other end. The comfort noise is intended to give the
listener the feeling that the call is still connected, as opposed to producing absolute silence which can give the impression that
the call has been “dropped”. Second, the Encoder Silence Detected flag is set in Control Word 1 of the Formatted Output
format described in section 5.3.3.
VAD can be enabled in one of two ways. A high signal on the hardware pin VAD_EN (pin 86), subject to the restrictions of
section 7.1, enables VAD. The Control Frame described in section 5.2.9 describes how to enable/disable the VAD algorithm
once the AMBE-2000™ has begun operating.
If the VAD features are being used to reduce transmit power during times of conversational silence, DVSI recommends that a
silence frame be transmitted at the start of the period and approximately each 500-1000 milliseconds thereafter. This is to
ensure that the parameters regarding the levels of background noise are transmitted to the decoder for the smoothest audible
transitions between synthesized speech and synthesized silence.
There is a silence threshold value is –25 dB in the VAD algorithm.
The synthesis of a Comfort Noise frame by the decoder is not dependant on VAD being enabled. The decoder will produce a
comfort noise frame if it receives an in-band silence frame (produced only by an encoder with VAD enabled).
7.5
Dual Tone Multiple Frequency, Detection and Generation
The AMBE-2000™ Vocoder Chip is capable of detecting, transmitting, and synthesizing DTMF tones. DTMF features are
always enabled. Detection of a DTMF tone by the encoder sets the DTMF Digit Detect in the DTMF Control Format found in
section 5.4.6. Which DTMF tone is detected along with amplitude information is placed in the bits 0-7 described in section
5.3.6. Additionally, the encoder passes the DTMF data in-band (within the regular voice data bits) so that normal DTMF tones
pass seamlessly from the encoder to the decoder for synthesis.
The decoder synthesizes a DTMF tone in response to reception of an in-band DTMF tone frame.
7.6
Normal Power and Power Saving Modes
Power savings can be achieved during times of longer inactivity of the AMBE-2000™ chip by placing it into one of three
available Low Power Modes. The chip can be placed into low-power and stand-by modes via hardware or software Control
Words. In low power modes the A/D-D/A port will be disabled, concurrently halting any processing of voice frames in either
direction. Depending on the low power state selected, either a Wake Up Control Word or a hardware reset on RESETN is
necessary to return the AMBE-2000™ to normal operation.
7.6.1
Standard Sleep Mode
The standard sleep is the only low power mode that can be entered into either through hardware or software. The AMBE-
2000™ Chip can be placed into Standard Sleep mode either by setting SLEEP_EN (pin 83) high, subject to the restrictions of
section 7.1, or through software by using Control Word 2 with bit 3 set to 1 as described in section 5.2.9.
SLEEP_EN should be tied high if you plan to configure the A/D-D/A chip from Standard Sleep mode upon power-up or reset.
When using software SLEEP_EN with A-law or
µ-law codecs, it is important to note that if packets are sent to the decoder
while it is in sleep mode, noise will be heard at the output. It is recommended that no packets be sent to the decoder until it is
commanded to wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com