Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 41
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
7.6.2
Power Down
Power Down provides the lowest power usage of the sleep modes, the only drawback to this mode is the necessity of a
hardware reset on RESETN (pin 69) to resume normal operation.
Table 7-C Summary of Power Saving Modes
Power Consumption
3V
Sleep Mode
Enter State via
Return to Normal
Operation via
Wake Up
Time
Crystal
CMOS
TTL
Normal Operation
N/A
N/A
N/A
Approx. 65mW
Standard Sleep
SLEEP_EN pin at
reset OR Control
Word
Control Word
N/A
24 mW
36 mW
Power Down
Control Word
RESETN
200
µ secs.
0.11 mW
0.11 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com