Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 6
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
1. Product Introduction
1.1 General Information
Digital Voice Systems Inc.’s AMBE-2000™ Vocoder Chip is an extremely flexible, high-performance, single chip, speech
compression coder. It provides superior voice quality at low data rates. It provides a real-time, full-duplex implementation of
the standard-setting AMBE
® voice compression software algorithm. DVSI’s patented AMBE® voice compression technology
has been proven to outperform CELP, RELP, VSELP, MELP, ECELP, MP-MLQ, LPC-10, and other competitive technologies.
Numerous evaluations have shown its ability to provide performance equal to today’s digital cellular systems at under half the
data rate. The AMBE
® voice compression algorithm is used in applications throughout the world, including the next generation
of digital mobile communication systems.
The AMBE-2000™ Vocoder chip provides a high degree of flexibility in selecting the speech and FEC (Forward Error
Correction) data rates. The user can separately select these parameters in 50 bps increments for total rates from 2.4 kbps to 9.6
kbps. Typically for higher error rate channels, the user will apportion a greater percentage of the total bit rate to FEC coding.
The AMBE-2000™ voice coder maintains natural voice quality and speech intelligibility at rates as low as 2.4 kbits/sec. The
AMBE
® algorithm’s low complexity allows it to be fully integrated into a low cost, low power integrated circuit, the AMBE-
2000™ Vocoder Chip.
The AMBE-2000™ Vocoder Chip offers similar features as to DVSI’s AMBE-1000™ Vocoder Chip allowing it to be
incorporated into systems already design for the AMBE-1000™ and is interoperable with other DVSI products. The AMBE-
2000™ Vocoder Chip delivers improved performance and enhanced modes such as 4.0 kbps toll quality speech and
convolutional FEC coding. Along with these enhancements the AMBE-2000™ Vocoder Chip employs a control interface
along with the variable data rates and FEC selection as found in .
1.2 Advantages
•
Superior Voice Quality
•
Low Cost
•
No External Memory Required
•
Robust to Bit Errors & Background Noise
•
Variable Data Rates - 2.0 kbps to 9.6 kbps
•
Variable FEC Rates - 50 bps to 7.2 kbps
•
Very Low Power (65mW @ 3.3V, 0.11mW Deep Sleep)
•
Compact Single Chip Solution: 100 pin TQFP
Features
•
High Quality Low Data Rate Speech Coding
•
DVSI’s Full Duplex AMBE® Voice Coder
•
Supports Data Rates of 2.0 kbps to 9.6 kbps in 50 bps increments
•
User Selectable Forward Error Correction rates
•
Viterbi Decoder (rate 1/4 or more)
•
16 Level Soft Decision Decoding
•
Voice Activity Detection (VAD) / Comfort Noise Insertion
•
16 ms. Echo Cancellation
•
Single and Dual Tone (DTMF) Detection and Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com