Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
5 Channel Data Format
The channel interface is responsible for outputting the compressed data from the encoder and inputting compressed data to the
decoder. In addition to these most basic functions the channel interface is also capable of reporting certain events, such as the
detection of a DTMF tone. The channel interface can also control certain selectable functions of the AMBE-2000™, such as
the voice coding rate. This chapter will describe how the AMBE-2000™ uses the channel interface to multiplex these
capabilities.
There are two formats to the data, Formatted and Unformatted, both of which operate in serial mode. Generally speaking the
Unformatted mode is used only when the connection between the AMBE-2000™ and the channel under design is relatively
direct, and the designer wants to simplify the extraction of the relevant voice data. In this mode configuration is accomplished
using hardwired pins. In most cases, when a controller is present between the AMBE-2000™ and the channel, the system
designer will find that using the Formatted format is more flexible.
5.1
Formatted Format
The Formatted format is a 24 by sixteen-bit word format for a total of 48 bytes or 384 bits. Every 20 milliseconds the encoder
outputs 24 sixteen-bit words, and likewise the decoder expects to receive 24 words. The format of the input and output frames
are detailed below. The first 12 sixteen bit words are made up of header, ID and status or control information. The remaining
12 sixteen bit words make up the encoded data bit field. These 12 words, or 192 bits, will be fully populated with relevant
voice data only when the AMBE-2000 is operating in a 9600bps mode (9600 bits/sec
÷ 50 frames/sec = 192 bits/frame).
Otherwise, when the data rate is less than 9600bps, the coded voice bits are filled starting from the MSB of the first word in the
field, leaving any unused bits as zeros. It is important to note here that even when the AMBE-2000 is operating at less than
9600bps, all 384 bits of the Formatted format (including any unused trailing zeros) must be transferred out of the encoder and
into the decoder.
5.2
Formatted Input Format
The format of the Formatted input is shown in Figure 5-A. Keep in mind that even though the channel data in this Formatted
input format is closely associated with the decoder, the control information will apply to both encoder and decoder functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com