Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 30
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
5.3.1 Formatted Output : Word 0 : Header
The header is a 16 bit word that begins each valid frame corresponding to 20 milliseconds of speech. This field will always be
0x13EC.
5.3.2 Formatted Output : Word 1 : ID (Power Control)
The encoder will always use 0x00 in the 8-bit field of an output frame.
5.3.3 Formatted Output : Word 1 :Control Word 1
This 8-bit control word indicates the activity of various functions.
Table 5-J Control Word 1 Format
Control Word 1 – 8-bits (See Table 1-A)
7: MSB
6
5
4
3
2
1
0 : LSB
Unused
Unused
Decoder
Frame
Repeat
Decoder
Silence
Detect
Unused
Unused
Encoder
Silence
Detect
Encoder
DTMF
Detect
Decoder Frame Repeat: When the Decoder Frame Repeat flag is set to 1, the decoder is reporting that the last frame decoded
was a repeat of the previous frame.
Decoder Silence Detect: When the Decoder Silence Detect flag is set to 1, the decoder is reporting that the last frame decoded
was a comfort noise frame.
Encoder DTMF Detect: The Encoder DTMF Detected Flag will be set to a 1 when the encoder detects a DTMF tone. The
DTMF Detect option is controlled by the DTMF Detect/Generate bits in control Word 10 described in section 5.2.8 enable the
DTMF Detect option.
Silence Detect: The Encoder Silence Detected Flag will be set to 1 when no voice activity is detected. The Silence Detect
option is controlled by and can be disabled by the VAD as described in section 5.2.9.
5.3.4 Formatted Output : Words 2-6 : Rate Info 0, Rate Info 1, Rate Info 2, Rate Info 3,
Rate Info 4.
Words 2-6 in the packet indicate the rate at which the AMBE-2000™ encoder is operating . These words are output. See
tables 5-C and 5-D for corresponding values.
5.3.5 Formatted Output: Word 7 : Bit Error Rate
This status field is used for the decoder to report bit error information. The 16 bit number output is used to compute the BER
using the following calculation
% BER = (Word 7) / (32768)
5.3.6 Formatted Output : Word 10 : DTMF Control
This word corresponds to the DTMF Detection capabilities of the vocoder. It uniquely identifies specific tones recognized by
the encoder. See table 5-J for a list of tones and their corresponding values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com