Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 32
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Table 5-M DTMF Codes for Digit Detect/ Generate
DTMF Code
DTMF Digit
0x80
1
0x84
2
0x88
3
0x81
4
0x85
5
0x89
6
0x82
7
0x86
8
0x8A
9
0x87
0
0x83
*
0x8B
#
0x8C
A
0x8D
B
0x8E
C
0x8F
D
0xff
deactivate
To deactivate the Digit Detect/Genetrate function, set the DTMF Code to 0xff. Dial, ring and busy tones are standard North
American call progress tones.
DTMF Amplitude
The DTMF Amplitude runs from 3 to –60 dBm0. This value is a signed bite (example: 0x03 = 3, 0x00 = 0, 0xC4 = -60).
5.3.7 Formatted Output : Word 11 :Control Word 2
Table 5-N Control Word 2 Format
Control_Word 2 – 16-bits (See Table 1-A)
Bit 15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Decoder Output Volume Control
Unused
0
Unused
0
Unused
0
Unused
0
SL
EC
RIS
Rate Information Selector (RIS) :
This field is used to indicate which part of the device is affected by words 2-6, the rate control words.
Table 5-O Rate Information Selection Codes
value
Area Controlled
0x0
Encoder and Decoder
0x1
Encoder only
0x2
Decoder only
0x3
Neither Encoder nor Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com