Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 15
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Figure 3-C X2/CLKIN and X1 with TTL Clock Source
AMBE-2000
X2/CLKIN (pin 68)
X1 (pin 67)
16.384 MHz
TTL/CMOS Clock
Source
Unconnected
3.4.2 Crystal Oscillator
The Crystal Oscillator option is selected with CLOCK_MODE pin set to a high level. To use the crystal oscillator, connect the
crystal across X2/CLKIN and X1 along with one external capacitor from each of these pins to ground. Recommended values
for C1 and C2 is 10 pF.
Figure 3-D X2/CLKIN and X1 with Crystal Oscillator
AMBE-2000
X2/CLKIN (pin 68)
X1 (pin 67)
16.384 MHz
C1 = 10 pF
C2 = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com