Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 25
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Figure 5-A Basic Formatted Input Format
Word #
Description
0
Header always set to 0x13EC
1
Power Control (8bits)
Control Word 1 (8 bits) – see Table 5-B
2
Rate info 0
3
Rate info 1
4
Rate info 2
5
Rate info 3
6
Rate info 4
See Tables 5-C and 5-D
7
Unused in Input
8
Unused in Input
9
Unused in Input
10
DTMF Control – see Tables 5-E and 5-F
11
Control Word 2 – see Table 5-G
12
Channel Data
13
Channel Data
14
Channel Data
15
Channel Data
16
Channel Data
17
Channel Data
18
Channel Data
19
Channel Data
20
Channel Data
21
Channel Data
22
Channel Data
23
Channel Data
5.2.1 Formatted Input : Word 0 : Header
The decoder uses the header information to synchronize with the beginning of each 20 millisecond frame. this 16 bit word
MUST be 0x13EC.
5.2.2 Formatted Input : Word 1 : Power Control
Set the encoder to 0x00 in the 8-bit Power Control field of an output frame for normal use. For Power Down Mode, set this
value to 0x55. This causes the AMBE-2000 to enter low power mode. To exit low power mode, the device must be reset
through the hardware.
Table 5-A Formatted Input : ID Values Summary
ID
Type
Description
0x00
Voice Data
This ID value instructs AMBE-2000™ to operate in normal fashion
0x55
Low Power Mode
When this mode is activated the AMBE-2000™ Vocoder Chip will go into
a mode which conserves power, where no voice packets are being
processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com