Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMBE2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 5
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
5.2.8
Formatted Input : Word 10 :DTMF Control
27
5.2.9
Formatted Input : Word 11 Control Word 2
28
5.2.10
Formatted Input : Words 12-23 : Channel Data
29
5.3
Formatted Output Format
29
5.3.1
Formatted Output : Word 0 : Header
30
5.3.2
Formatted Output : Word 1 : ID (Power Control)
30
5.3.3
Formatted Output : Word 1 :Control Word 1
30
This 8-bit control word indicates the activity of various functions.
30
5.3.4
Formatted Output : Words 2-6 : Rate Info 0, Rate Info 1, Rate Info 2, Rate Info 3, Rate Info 4.
30
5.3.5
Formatted Output: Word 7 : Bit Error Rate
30
5.3.6
Formatted Output : Word 10 : DTMF Control
30
5.3.7
Formatted Output : Word 11 :Control Word 2
32
5.3.8
Formatted Output : Words 12-23 :Channel Data
33
5.4
Unformatted Serial Format
33
5.4.1
Unformatted Serial Output Format
33
5.4.2
Unformatted Serial Input Format
34
6 A/D-D-A Interface
35
6.1
A/D-D/A Overview
35
6.2
Configuring the A/D-D/A Interface using CODEC_SEL[1-0]
35
6.3
Low Level A/D–D/A Timing
36
Low Level Timing for A/D-D/A in Active and Passive Modes
36
7 Special Functions
38
7.1
Hardware vs. Software Selection Note
38
7.2
Coding Rate Selection
38
7.3
Echo Cancellation
39
7.4
Voice Activation Detection (VAD), Comfort Noise Insertion (CNI)
40
7.5
Dual Tone Multiple Frequency, Detection and Generation
40
7.6
Normal Power and Power Saving Modes
40
7.6.1
Standard Sleep Mode
40
7.6.2
Power Down
41
7.7
Slip Enable
42
8 Appendices
45
8.1
Example A/D-D/A Usage
45
8.1.1
AD73311
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com