Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 8
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
2 AMBE™-2000 Application Design Overview
2.1 Basic Operation
In its simplest model, the AMBE-2000™ can be viewed as two separate components, the Encoder and the Decoder. The
Encoder receives an 8kHz. sampled stream of speech data (16-bit linear, 8-bit Alaw, or 8-bit ulaw) and outputs a stream of
channel data at the desired rate. Conversely the Decoder receives a stream of channel data and synthesizes a stream of speech
data. The timing for the interfaces for the AMBE-2000™ Encoder and Decoder are fully asynchronous.
Figure 2-A Basic Operation
AMBE-2000
Encoder
8kHz Speech Data
Decoder
8kHz Speech Data
AMBE-2000
Decoder
8kHz Speech Data
Encoder
8kHz Speech Data
Compressed Data @ 2400-9600bps
Compressed Data @ 2400-9600bps
Typically the speech interface is an external A/D-D/A chip. The format of the incoming and outgoing speech data streams are
coupled, that is to say they must be the same format (16-bit linear, 8-bit Alaw, or 8-bit
µlaw). The channel interface is
commonly (but not limited to) an 8 or 16 bit microprocessor or other suitable ‘glue logic’ hardware capable of performing the
rudimentary formatting functions between the AMBE-2000™ channel format and the format of the system channel under
design.
Optional functions of the chip, such as echo cancellation, voice activation/detection, power mode control, data/FEC rate
selection, etc. are controlled either through hardware control pins (see Section 0) and/or through the decoder command
interface (see Section 4) Data sent into the decoder for function control purposes is distinguished from the data to be decoded
into speech through a channel format which is described in Section 4.
2.2
Initial Design Considerations
Some of the initial design considerations the application engineer will face are the following:
Choice of A/D-D/A chip.
Choice of Channel Interface.
Speech and FEC Rates.
2.2.1
A/D – D/A Overview
The choice of the A/D-D/A chip is critical to designing a system with superior voice quality. Given that Alaw and
µlaw
companding chips are already incorporating some compression to reduce the number of bits per sample, it is recommended
that, when possible, a 16-bit linear device be used for maximum voice quality. When choosing a device, pay particular
attention to Signal to Noise ratios and Frequency Responses of any filters that may be present on the analog front end of these
chips. The Alaw and
µlaw interfaces are also provided for the design engineer who is trying to fit to pre-existing conditions or
is under other cost type restraints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com