Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 31
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
Table 5-K DTMF Tone Detection Parameters
DTMF Tone
Detection
Requirement
Value
Description
Minimum
Input Level
-25 dBm0
An input signal shall not be rejected as a DTMF tone if its amplitude is greater
than -25 dBm0 (maximum sinusoid dBm0 is defined as+3.17 dBm0).
Minimum
Signal to Noise
Distortion ratio
15 dB
In order for an input signal to correspond to a valid DTMF tone, the ratio of
inband to out-of-band energy must be greater than 15dB.
Inband energy is
defined to be the energy in frequency components within ±3.5% of the two
frequencies defined by the DTMF frequencies. Out-of-band energy is defined to
be the total energy minus in the inband energy.
Minimum
Frequency
Tolerance
±1.5%
An input signal shall not be rejected as a DTMF tone if both of its principal
frequency components are within ±1.5% of the frequencies needed for the DTMF
tone.
Maximum
Frequency
Tolerance
±3.5%
An input signal shall not be rejected as a DTMF tone if either of its principal
frequency components are outside ±3.5% of the frequencies needed for the DTMF
tone.
Normal Twist
Range
8-10 dB
An input signal does not correspond to a valid DTMF tone if the energy contained
within the low frequency band is more than 10 dB greater than the energy
contained in the high frequency band. An input signal shall not be rejected as a
DTMF if energy contained within the low frequency band is less than 8 dB greater
than the energy contained in the high frequency band.
Each low and high
frequency band is limited to ±3.5% of the frequencies needed for the DTMF tone.
Reverse Twist
Range
4-10 dB
An input signal does not correspond to a valid DTMF tone if the energy contained
within the high frequency band is more than 10 dB greater than the energy
contained in the low frequency band. An input signal shall not be rejected as a
DTMF if energy contained within the high frequency band is less than 4 dB
greater than the energy contained in the low frequency band. Each low and high
frequency band is limited to ±3.5% of the frequencies needed for the DTMF tone.
Minimum
Tone Duration
45 mS
An input signal shall not be rejected as a DTMF tone as long as its time duration
is greater than 45 mS. In addition a minimum of two frames will be transmitted
of the DTMF tone if a valid tone is detected. The duration of a tone is defined by
the points at which the envelope is 20 dB below its peak value.
Table 5-L DTMF Control Format
DTMF Control – 8-bits (See Table 1-F)
15:
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0:
LSB
DTMF Amplitude
DTMF Digit Detect/ Generate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com