Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 11
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
3.2
Pin Descriptions
Pin Number
Pin Descriptive Name
Pin Direction
Notes
77
CHANN_SEL1
Input
Channel Interface Selection Pins : Use these bits to select the channel interface type
(formatted,unformatted active, passive) according to Table 4-A. See full description in
section 4.2.
75
CHANN_SEL0
Input
Used with CH_SEL1 to select channel operation mode
85
CODEC_SEL1
Input
84
CODEC_SEL0
Input
A/D-D/A Select Pins see Table 6-A to select the interface.
74
RATE_SEL4
Input
73
RATE_SEL3
Input
72
RATE_SEL2
Input
71
RATE_SEL1
Input
70
RATE_SEL0
Input
Coding Rate Select Pins : Use these bits to select the voice and FEC rates according to
section 7.2. The coding rates are also selectable using the Control Word interface
described in section 5.2.4.
86
VAD_EN
Input
Voice Activation Detection Enable Pin. Active HIGH. See Section 7.4. VAD can also be
enabled/disabled using the Control Word interface as described in section 5.2.9.
78
ECHOCAN_EN
Input
Echo Canceller Enable Pin. Active HIGH. See Section 7.3. The Echo Canceller can also
be enabled/disabled using the Control Word interface as described in section 5.2.9.
83
SLEEP_EN
Input
Standard Sleep Enable Pin. Active HIGH. See Section 7.6.1.
82
SLIP_EN
Input
Slip Control Enable Pin. Active HIGH. See Section 7.7.
68
X2/CLKIN
Input
Clock Input 1. 16.384 Mhz input. See Section 3.4
67
X1
Input
Output from internal oscillator for the crystal. If the internal oscillator is not used this pin
should be unconnected.
69
RESETN
Input
AMBE-2000 Reset pin. Active LOW. See Section 3.3
20
EPR
Output
Encode Packet Ready: Following a reset, this signal will have a high to low transition to
indicate the first packet is ready. The next packet will be ready approximately 20 msec
later. See Note 1.
79
SOFT_EN
Input
Soft decision decoding enable. Enables 4 bit soft decision error decoder.
80
BAUD_SEL0
Input
81
BAUD_SEL1
Input
Baud Rate Selector for unformatted serial mode See Table TBDL
32
CHAN_RX_DATA
Input
Channel Receive Data to AMBE-2000
42
CHAN_TX_DATA
Output
Channel Transmit Data from AMBE-2000
28
CHAN_RX_CLK
Input
Channel Receive Clock
34
CHAN_TX_CLK
Input
Channel Transmit Clock
38
CHAN_TX_STRB
I/O
Channel Transmit Frame Synchronization Pulse
30
CHAN_RX_STRB
Input
Channel Receive Frame Synchronization Pulse
29
CODEC_RX_STRB
Input
Frame synchronization pulse for A/D data. Should be connected to CODEC_TX_STRB
37
CODEC_TX_STRB
Input
Frame synchronization pulse for D/A data. Should be connected to CODEC_RX_STRB
31
CODEC_RX_DATA
Input
PCM Data from A/D Conveter to AMBE-2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com