Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBE2000 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 17
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
3.6
Normal Operating Conditions
Table 3-C Normal Operating Conditions
Normal Operating Conditions
Operating Voltage
3.3V
Operating Case Temperature Range
-40°C to 100°C
Storage Temperature Range
-55°C to 150°C
3.7
Absolute Maximum Ratings
Stresses in excess of the Absolute Maximum Ratings can cause permanent damage to
the device. These are absolute stress ratings only. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational
sections of the data sheet. Exposure to Absolute Maximum Ratings for extended periods
can aversely affect device reliability.
Table 3-D Absolute Maximum Ratings
Absolute Maximum Ratings
Voltage Range on any Pin with Respect to Ground
-0.3V to 4.6V
3.8
Electrical Characteristics and Requirements
Table 3-E Recommended Operating Conditions
Parameter
Min
Nom
Max
Unit
DVDD
Device Supply Voltage
3
3.3
3.6
V
VSS
Supply Voltage, GND
-
0
-
V
VIH
High-level input voltage, I/O
2.5
-
DVDD + 0.3
V
VIL
Low-level input voltage
-0.3
-
0.8
V
IOH
High-level output current
-
-
-300
µA
IOL
Low-level output current
-
-
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com